Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1279CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1279CSW
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1279CSW Datasheet HTML 7Page - Linear Technology LTC1279CSW Datasheet HTML 8Page - Linear Technology LTC1279CSW Datasheet HTML 9Page - Linear Technology LTC1279CSW Datasheet HTML 10Page - Linear Technology LTC1279CSW Datasheet HTML 11Page - Linear Technology LTC1279CSW Datasheet HTML 12Page - Linear Technology LTC1279CSW Datasheet HTML 13Page - Linear Technology LTC1279CSW Datasheet HTML 14Page - Linear Technology LTC1279CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1279
APPLICATIONS INFORMATION
the internal reference so driving the reference is not
recommended, since the input span will exceed the supply
and codes will be lost at the full scale.) Figure 7 shows a
typical reference, the LT1019A-2.5 connected to the
LTC1279. This will provide an improved drift (equal to the
LT1019A-2.5’s maximum of 5ppm/
°C) and a ±2.582V full
scale.
UNIPOLAR/BIPOLAR OPERATION AND ADJUSTMENT
Figure 8a shows the ideal input/output characteristics for
the LTC1279. The code transitions occur midway between
successive integer LSB values (i.e., 0.5LSB, 1.5LSB,
2.5LSB, ... FS – 1.5LSB). The output code is naturally
binary with 1LSB = FS/4096 = 5V/4096 = 1.22mV. Figure
8b shows the input/output transfer characteristics for the
bipolar mode in two’s complement format.
op amps are used, more settling time can be provided by
increasing the time between conversions. Suitable de-
vices capable of driving the ADC’s AIN input include the
LT
®1360, LT1220, LT1223 and LT1224 op amps.
Internal Reference
The LTC1279 has an on-chip, temperature compensated,
curvature corrected, bandgap reference that is factory
trimmed to 2.42V. It is internally connected to the DAC and
is available at pin 2 to provide up to 800
µA current to an
external load.
For minimum code transition noise, the reference output
should be decoupled with a capacitor to filter wideband
noise from the reference (10
µF tantalum in parallel with a
0.1
µF ceramic).
The VREF pin can be driven with a DAC or other means to
provide input span adjustment in bipolar mode. The VREF
pin must be driven to at least 2.45V to prevent conflict with
the internal reference. The reference should be driven to
no more than 4.8V to keep the input span within the
±5V
supplies.
Figure 6 shows an LT1006 op amp driving the VREF pin. (In
the unipolar mode, the input span is already 0V to 5V with
Figure 8b. LTC1279 Bipolar Transfer Characteristics
Figure 7. Supplying a 2.5V Reference Voltage
to the LTC1279 with the LT1019A-2.5
Figure 8a. LTC1279 Unipolar Transfer Characteristics
VREF(OUT) ≥ 2.45V
3
Ω
INPUT RANGE
±1.033 × VREF(OUT)
–
+
LT1006
5V
–5V
LTC1279
AIN
AGND
VREF
10
µF
1279 F06
Figure 6. Driving the VREF with the LT1006 Op Amp
3
Ω
INPUT RANGE
±2.58V
(=
±1.033 × VREF)
10
µF
1279 F07
LT1019A-2.5
VIN
GND
VOUT
5V
5V
–5V
LTC1279
AIN
AGND
VREF
INPUT VOLTAGE (V)
0V
–1
LSB
1279 F08b
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FS/2 – 1LSB
–FS/2
FS = 5V
1LSB = FS/4096
INPUT VOLTAGE (V)
0V
FS – 1LSB
1279 F08a
111...111
111...110
111...101
111...100
000...000
000...001
000...010
000...011
1
LSB
UNIPOLAR
ZERO
1LSB = FS
4096
5V
4096
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com