Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1279CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1279CSW
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1279CSW Datasheet HTML 8Page - Linear Technology LTC1279CSW Datasheet HTML 9Page - Linear Technology LTC1279CSW Datasheet HTML 10Page - Linear Technology LTC1279CSW Datasheet HTML 11Page - Linear Technology LTC1279CSW Datasheet HTML 12Page - Linear Technology LTC1279CSW Datasheet HTML 13Page - Linear Technology LTC1279CSW Datasheet HTML 14Page - Linear Technology LTC1279CSW Datasheet HTML 15Page - Linear Technology LTC1279CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1279
S
APPLICATI
I FOR ATIO
Unipolar Offset and Full-Scale Error Adjustments
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figure 9a
shows the extra components required for full-scale error
adjustment. If both offset and full-scale adjustments are
needed, the circuit in Figure 9b can be used. For zero offset
error apply 0.61mV (i.e., 0.5LSB) at the input and adjust
the offset trim until the LTC1279 output code flickers
between 0000 0000 0000 and 0000 0000 0001. For zero
full-scale error apply an analog input of 4.99817V (i.e.,
FS – 1.5LSB or last code transition) at the input and adjust
R5 until the LTC1279 output code flickers between 1111
1111 1110 and 1111 1111 1111.
1279 F09a
R4
100
Ω
FULL-SCALE
ADJUST
R3
10k
R2
10k
R1
50
Ω
V1
–
+
A1
ADDITIONAL PINS OMITTED FOR CLARITY
±20LSB TRIM RANGE
LTC1279
AIN
AGND
Figure 9a. Full-Scale Adjust Circuit
1279 F09b
R2
10k
R4
100k
R1
10k
10k
5V
R9
20
Ω
ANALOG
INPUT
0V TO 5V
R3
100k
5V
R8
10k
OFFSET
ADJUST
R6
400
Ω
R5
4.3k
FULL-SCALE
ADJUST
R7
100k
–
+
LTC1279
AIN
Figure 9b. LTC1279 Unipolar Offset and Full-Scale Adjust Circuit
1279 F09c
R2
10k
R4
100k
R1
10k
ANALOG
INPUT
R3
100k
5V
R8
20k
OFFSET
ADJUST
R6
200
Ω
R5
4.3k
FULL-SCALE
ADJUST
R7
100k
–
+
–5V
LTC1279
AIN
Figure 9c. LTC1279 Bipolar Offset and Full-Scale Adjust Circuit
Bipolar Offset and Full-Scale Error Adjustments
Bipolar offset and full-scale errors are adjusted in a similar
fashion to the unipolar case. Again, bipolar offset must be
adjusted before full-scale error. Bipolar offset error ad-
justment is achieved by trimming the offset of the op amp
driving the analog input of the LTC1279 while the input
voltage is 0.5LSB below ground. This is done by applying
an input voltage of – 0.61mV (– 0.5LSB) to the input in
Figure 9c and adjusting the R8 until the ADC output code
flickers between 0000 0000 0000 and 1111 1111 1111.
For full scale adjustment, an input voltage of 2.49817V
(FS – 1.5LSBs) is applied to the input and R5 is adjusted
until the output code flickers between 0111 1111 1110
and 0111 1111 1111.
BOARD LAYOUT AND BYPASSING
Wire wrap boards are not recommended for high resolu-
tion or high speed A/D converters. To obtain the best
performance from the LTC1279, a printed circuit board is
required. The printed circuit board’s layout should ensure
that digital and analog signal lines are separated as much
as possible. In particular, care should be taken not to run
any digital trace alongside an analog signal trace or
underneath the ADC. The analog input should be screened
by AGND.
High quality tantalum and ceramic bypass capacitors
should be used at the AVDD and VREF pins as shown in
Figure 10. For the bipolar mode, a 0.1
µF ceramic provides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com