Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1279CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1279CSW
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1279CSW Datasheet HTML 8Page - Linear Technology LTC1279CSW Datasheet HTML 9Page - Linear Technology LTC1279CSW Datasheet HTML 10Page - Linear Technology LTC1279CSW Datasheet HTML 11Page - Linear Technology LTC1279CSW Datasheet HTML 12Page - Linear Technology LTC1279CSW Datasheet HTML 13Page - Linear Technology LTC1279CSW Datasheet HTML 14Page - Linear Technology LTC1279CSW Datasheet HTML 15Page - Linear Technology LTC1279CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1279
S
APPLICATI
I FOR ATIO
Figure 12. Mode 1a. CONVST Starts a Conversion. Data Ouputs Always Enabled. (CONVST =
)
Timing and Control
Conversion start and data read operations are controlled
by three digital inputs: CS, CONVST and RD. Figure 11
shows the logic structure associated with these inputs. A
logic “0” for CONVST will start a conversion after the ADC
has been selected (i.e., CS is low). Once initiated, it cannot
be restarted until the conversion is complete. Converter
status is indicated by the BUSY output, and this is low
while conversion is in progress.
Figures 12 through 16 show several different modes of
operation. In modes 1a and 1b (Figures 12 and 13) CS and
RD are both tied low. The falling CONVST starts the
conversion. The data outputs are always enabled and data
can be latched with the BUSY rising edge. Mode 1a shows
operation with a narrow logic low CONVST pulse. Mode 1b
shows a narrow logic high CONVST pulse.
In mode 2 (Figure 14) CS is tied low. The falling CONVST
signal again starts the conversion. Data outputs are in
three-state until read by MPU with the RD signal. Mode 2
can be used for operation with a shared MPU databus.
SAMPLE N
DATA (N – 1)
DB11 TO DB0
CS = RD = 0
CONVST
BUSY
1279 F12
t4
tCONV
t5
t6
DATA N
DB11 TO DB0
DATA (N + 1)
DB11 TO DB0
DATA
SAMPLE N + 1
Figure 11. Internal Logic for Control Inputs CS, RD, CONVST and SHDN
CONVERSION
START (RISING
EDGE TRIGGER)
1279 F11
BUSY
FLIP
FLOP
CLEAR
Q
D
ACTIVE HIGH
ENABLE THREE-STATE OUTPUTS
DB11....DB0
CS
RD
CONVST
SHDN
In Slow memory and ROM modes (Figures 15 and 16) CS
is tied low and CONVST and RD are tied together. The MPU
starts conversion and reads the output with the RD signal.
Conversions are started by the MPU or DSP (no external
sample clock).
In Slow memory mode the processor applies a logic low
to RD (= CONVST), starting the conversion. BUSY goes
low, forcing the processor into a WAIT state. The previous
conversion result appears on the data outputs. When the
conversion is complete, the new conversion results
appear on the data outputs; BUSY goes high, releasing the
processor; the processor applies a logic high to RD
(= CONVST) and reads the new conversion data.
In ROM mode, the processor applies a logic low to RD
(= CONVST), starting a conversion and reading the previ-
ous conversion result. After the conversion is complete,
the processor can read the new result (which will initiate
another conversion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com