Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1282ACSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1282ACSW
Description  3V 140ksps 12-Bit Sampling A/D Converter with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1282ACSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1282ACSW Datasheet HTML 7Page - Linear Technology LTC1282ACSW Datasheet HTML 8Page - Linear Technology LTC1282ACSW Datasheet HTML 9Page - Linear Technology LTC1282ACSW Datasheet HTML 10Page - Linear Technology LTC1282ACSW Datasheet HTML 11Page - Linear Technology LTC1282ACSW Datasheet HTML 12Page - Linear Technology LTC1282ACSW Datasheet HTML 13Page - Linear Technology LTC1282ACSW Datasheet HTML 14Page - Linear Technology LTC1282ACSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1282
S
APPLICATI
I FOR ATIO
DYNAMIC PERFORMANCE
The LTC1282 has exceptionally high speed sampling capa-
bility. FFT (Fast Fourier Transform) test techniques are
used to characterize the ADC’s frequency response, distor-
tion and noise at the rated throughput. By applying a low
distortion sine wave and analyzing the digital output using
an FFT algorithm, the ADC’s spectral content can be
examined for frequencies outside the fundamental. Figure
2 shows a typical LTC1282 FFT plot.
Signal-to-(Noise + Distortion) Ratio
The Signal-to-Noise plus Distortion Ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 2 shows a typical LTC1282 FFT plot.
Figure 2. LTC1282 Nonaveraged, 1024 Point FFT Plot
INPUT FREQUENCY (Hz)
2
4
6
8
10
1k
100k
1M
10M
LTC1282 • F03
0
10k
12
1
3
5
7
9
11
50
62
74
56
68
fSAMPLE = 160kHz
VS = ±2.7V BIPOLAR
BIPOLAR
(±1.25V
INPUT)
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD = 20log
√V
2
2 + V32 + V42 ... + VN2
V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics. The typical THD specifi-
cation in the Dynamic Accuracy table includes the 2nd
through 5th harmonics. With a 70kHz input signal, the
LTC1282 has a typical – 82dB THD as shown in Figure 4.
Figure 3. ENOBs and S/(N + D) vs Input Frequency
INPUT FREQUENCY (Hz)
–80
–60
–40
–20
0
1k
100k
1M
10M
LTC1282 • F04
–100
10k
–90
–70
–50
–30
–10
2nd HARMONIC
THD
fSAMPLE = 140kHz
±3V SUPPLIES
BIPOLAR
3rd HARMONIC
Figure 4. Distortion vs Input Frequency (Bipolar)
Effective Number of Bits
The Effective Number of Bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the Effective Number of Bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 140kHz the LTC1282 maintains 11.3 ENOBs at
70kHz input frequency. Refer to Figure 3.
FREQUENCY (kHz)
0
20
40
60
80
LT1282 • F02
0
–20
–40
–60
–80
–100
–120
10
30
50
70
fSAMPLE = 160kHz
VDD = 3V
UNIPOLAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com