Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1282ACSW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1282ACSW
Description  3V 140ksps 12-Bit Sampling A/D Converter with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1282ACSW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1282ACSW Datasheet HTML 16Page - Linear Technology LTC1282ACSW Datasheet HTML 17Page - Linear Technology LTC1282ACSW Datasheet HTML 18Page - Linear Technology LTC1282ACSW Datasheet HTML 19Page - Linear Technology LTC1282ACSW Datasheet HTML 20Page - Linear Technology LTC1282ACSW Datasheet HTML 21Page - Linear Technology LTC1282ACSW Datasheet HTML 22Page - Linear Technology LTC1282ACSW Datasheet HTML 23Page - Linear Technology LTC1282ACSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1282
S
APPLICATI
I FOR ATIO
Other High Speed A/D Converters
LTC makes a family of high speed sampling ADCs for a
variety of applications. Both single 5V and
±5V supply
devices are available at high speeds. The high speed
12-bit family is summarized below.
*6mW power shutdown with instant wake up
LTC1273/5/6
AIN
VREF
AGND
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
NC
BUSY
CS
RD
HBEN
D0/8
D1/9
D2/10
D3/11
+
10
µF
0.1
µF
ANALOG INPUT
2.42V
VREF
OUTPUT
8- OR 12-BIT
PARALLEL BUS
µP CONTROL
LINES
+
0.1
µF
10
µF
5V
2.7
µs Conversion
Time
Built-In
Sample & Hold
Reference
Output For
System Use
Parallel Outputs
For The Fastest
Data Transfer Rates
No Negative
Supply Required
for Unipolar
Operation
Internal Clock
No Crystal
Required
Only 75mW
Power
Consumption
Reference On Board
300ksps and 500ksps 12-Bit Sampling A/D Converters
Comparison of Specifications and Features
DEVICE
SAMPLING
S/(N + D)
INPUT
POWER
POWER
TYPE
FREQ
@ NYQUIST RANGE
SUPPLY DISSIPATION
LTC1272
250kHz
65dB
0V-5V
5V
75mW
LTC1273
300kHz
70dB
0V-5V
5V
75mW
LTC1275
300kHz
70dB
±2.5V
±5V
75mW
LTC1276
300kHz
70dB
±5V
±5V
75mW
LTC1278
500kHz
70dB
0V-5V
5V
75mW
or
±2.5V or ±5V
6mW*
LTC1282
140kHz
68dB
0V-2.5V
3V
12mW
or
±1.25V or ±3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com