Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1282ACSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1282ACSW
Description  3V 140ksps 12-Bit Sampling A/D Converter with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1282ACSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1282ACSW Datasheet HTML 3Page - Linear Technology LTC1282ACSW Datasheet HTML 4Page - Linear Technology LTC1282ACSW Datasheet HTML 5Page - Linear Technology LTC1282ACSW Datasheet HTML 6Page - Linear Technology LTC1282ACSW Datasheet HTML 7Page - Linear Technology LTC1282ACSW Datasheet HTML 8Page - Linear Technology LTC1282ACSW Datasheet HTML 9Page - Linear Technology LTC1282ACSW Datasheet HTML 10Page - Linear Technology LTC1282ACSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1282
S/(N + D) vs Input Frequency and
Amplitude (Unipolar, VDD = 3V)
S/(N + D) vs Input Frequency and
Amplitude (Bipolar,
±3V Supplies)
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
INPUT FREQUENCY (Hz)
20
40
50
70
80
1k
100k
1M
10M
LTC1282 • TPC10
0
10k
60
30
10
fSAMPLE = 160kHz
UNIPOLAR
VIN = –60dB
VIN = –20dB
VIN = 0dB
INPUT FREQUENCY (Hz)
20
40
50
70
80
1k
100k
1M
10M
LTC1282 • TPC10
0
10k
60
30
10
fSAMPLE = 160kHz
VIN = –60dB
VIN = –20dB
VIN = 0dB
INPUT FREQUENCY (Hz)
–80
–60
–40
–20
0
100
10k
100k
1M
LTC1282 • TPC12
–100
1k
–90
–70
–50
–30
–10
fSAMPLE = 160kHz
VDD = 3V
UNIPOLAR
Spurious Free Dynamic Range
vs Input Frequency
Reference Voltage
vs Load Current
S/(N +D) vs Input Frequency vs
Source Resistance (Bipolar)
LOAD CURRENT (mA)
–5
1.200
1.210
1.220
–1
LTC1282 • TPC13
1.190
1.180
1.170
–4
–3
–2
0
1
1.195
1.205
1.215
1.185
1.175
VDD = 3V
INPUT FREQUENCY (Hz)
20
40
50
70
80
1k
100k
1M
10M
LTC1282 • TPC14
0
10k
60
30
10
VDD = 3V
VSS = –3V
BIPOLAR
RS = 50Ω
RS = 500Ω
RS = 1k
RS = 5k
TEMPERATURE (°C)
–50
0
2
5
0
50
75
LTC1282 • TPC15
1
4
3
–25
25
100
125
fSAMPLE = 140kHz
VDD = 2.7V
TEMPERATURE (°C)
–50
0
2
5
0
50
75
LTC1282 • TPC16
1
4
3
–25
25
100
125
fSAMPLE = 140kHz
VDD = 2.7V
Change in Integral Nonlinearity
(INL) vs Temperature
TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1282 • TPC17
0.1
0.4
0.3
–25
25
100
125
fSAMPLE = 140kHz
VDD = 2.7V
Change in Differential
Nonlinearity (DNL) vs Temperature
TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1282 • TPC18
0.1
0.4
0.3
–25
25
100
125
fSAMPLE = 140kHz
VDD = 2.7V
Change in Offset Voltage
vs Temperature
Change in Gain Error
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com