Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1282BCSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1282BCSW
Description  3V 140ksps 12-Bit Sampling A/D Converter with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1282BCSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1282BCSW Datasheet HTML 1Page - Linear Technology LTC1282BCSW Datasheet HTML 2Page - Linear Technology LTC1282BCSW Datasheet HTML 3Page - Linear Technology LTC1282BCSW Datasheet HTML 4Page - Linear Technology LTC1282BCSW Datasheet HTML 5Page - Linear Technology LTC1282BCSW Datasheet HTML 6Page - Linear Technology LTC1282BCSW Datasheet HTML 7Page - Linear Technology LTC1282BCSW Datasheet HTML 8Page - Linear Technology LTC1282BCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1282
S
FEATURE
DESCRIPTIO
The LTC
®1282 is a 6
µs, 140ksps, sampling 12-bit A/D
converter that draws only 12mW from a single 3V or dual
±3Vsupply.Thiseasy-to-usedevicecomescompletewith
1.14
µs sample-and-hold, precision reference and inter-
nally trimmed clock. Unipolar and bipolar conversion
modes provide flexibility for various applications. They are
built with LTBiCMOS
TM switched capacitor technology.
The LTC1282 has a 25ppm/
°C (max) internal reference
and converts 0V to 2.5V unipolar inputs from a single 3V
supply. With
±3V supplies its input range is ±1.25V with
two’s complement output format. Maximum DC specifica-
tions include
±0.5LSB INL, ±0.75LSB DNL and 25ppm/°C
full-scale drift over temperature. Outstanding AC perfor-
mance includes 69dB S/(N + D) and 77dB THD at the
Nyquist input frequency of 70kHz.
The internal clock is trimmed for 6
µs maximum conver-
sion time. The clock automatically synchronizes to each
sample command eliminating problems with asynchro-
nous clock noise found in competitive devices. A high
speed parallel interface eases connections to FIFOs, DSPs
and microprocessors.
3V 140ksps 12-Bit
Sampling A/D Converter
with Reference
s
Single Supply 3V or
±3V Operation
s
140ksps Throughput Rate
s
12mW (Typ) Power Dissipation
s
On-Chip 25ppm/
°C Reference
s
Internal Synchronized Clock; No Clock Required
s
High Impedance Analog Input
s
69dB S/(N + D) and 77dB THD at Nyquist
s
±0.5LSB INL and ±0.75LSB DNL Max (A Grade)
s
2.7V Guaranteed Minimum Supply Voltage
s
ESD Protected On All Pins
s
24-Pin Narrow PDIP and SW Packages
s
0V to 2.5V or
±1.25V Input Ranges
S
APPLICATI
s
3V Powered Systems
s
High Speed Data Acquisition
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
Audio and Telecom Processing
s
Spectrum Analysis
INPUT FREQUENCY (Hz)
1k
0
3
5
7
10
10k
LTC1282 • TA02
1
4
6
9
12
11
8
2
100k
62
56
74
68
50
fSAMPLE = 140kHz
NYQUIST
FREQUENCY
Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTBiCMOS is a trademark of Linear Technology Corporation
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
VSS
BUSY
CS
RD
HBEN
NC
NC
D0/8
D1/9
D2/10
D3/11
LTC1282
+
0.1
µF
10
µF
1.20V
VREF
OUTPUT
ANALOG INPUT
(0V TO 2.5V)
+
10
µF
0.1
µF
3V
8- OR 12-BIT
PARALLEL BUS
µP CONTROL
LINES
1282 TA01
Single 3V Supply, 140ksps, 12-Bit Sampling A/D Converter
APPLICATI
TYPICAL


Similar Part No. - LTC1282BCSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1282 LINER-LTC1282_15 Datasheet
366Kb / 24P
3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results

Similar Description - LTC1282BCSW

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1273 LINER-LTC1273 Datasheet
451Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Linear Technology
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1282 LINER-LTC1282_15 Datasheet
366Kb / 24P
3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276 LINER-LTC1276_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com