Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1334CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1334CSW
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1334CSW Datasheet HTML 6Page - Linear Technology LTC1334CSW Datasheet HTML 7Page - Linear Technology LTC1334CSW Datasheet HTML 8Page - Linear Technology LTC1334CSW Datasheet HTML 9Page - Linear Technology LTC1334CSW Datasheet HTML 10Page - Linear Technology LTC1334CSW Datasheet HTML 11Page - Linear Technology LTC1334CSW Datasheet HTML 12Page - Linear Technology LTC1334CSW Datasheet HTML 13Page - Linear Technology LTC1334CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1334
SWITCHI G WAVEFOR S
1.5V
3V
0V
DE
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
Y, Z
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
LTC1334 • F07
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
Z, Y
0V
VOD2
B – A
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
R
VOL
VOH
LTC1334 • F08
tPLH
tPHL
INPUT
–VOD2
OUTPUT
0V
1.5V
3V
D
Y, Z
–VO
VO
LTC1334 • F09
tPHL
tPLH
0V
0V
0V
1.5V
1.5V
VIH
A, B
R
VOL
VOH
LTC1334 • F10
tPHL
tPLH
VIL
2.4V
0.8V
1.3V
1.7V
Figure 7. RS485 Driver Enable and Disable Times
Figure 8. RS485 Receiver Propagation Delays
Figure 10. RS232 Receiver Propagation Delays
Figure 9. RS232 Driver Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com