Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1334CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1334CSW
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1334CSW Datasheet HTML 7Page - Linear Technology LTC1334CSW Datasheet HTML 8Page - Linear Technology LTC1334CSW Datasheet HTML 9Page - Linear Technology LTC1334CSW Datasheet HTML 10Page - Linear Technology LTC1334CSW Datasheet HTML 11Page - Linear Technology LTC1334CSW Datasheet HTML 12Page - Linear Technology LTC1334CSW Datasheet HTML 13Page - Linear Technology LTC1334CSW Datasheet HTML 14Page - Linear Technology LTC1334CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1334
S
APPLICATI
I FOR ATIO
Basic Theory of Operation
The LTC1334 has two interface ports. Each port may be
configured as a pair of single-ended RS232 transceivers
or as a differential RS485 transceiver by forcing the
port’s selection input to a low or high, respectively. The
LTC1334 provides two RS232 drivers and two RS232
receivers or one RS485 driver and one RS485 receiver
per port. All the interface drivers feature three-state
outputs. Interface outputs are forced into high imped-
ance when the driver is disabled, in the shutdown mode
or with the power off.
All the interface driver outputs are fault-protected by a
current limiting and thermal shutdown circuit. The ther-
mal shutdown circuit disables both the RS232 and RS485
driver outputs when the die temperature reaches 150
°C.
The thermal shutdown circuit reenables the drivers when
the die temperature cools to 130
°C.
In RS485 mode, shutdown mode or with the power off, the
input resistance of the receiver is 24k. The input resistance
drops to 5k in RS232 mode.
A logic low at the ON/OFF pin shuts down the device and
forces all the outputs into a high impedance state. A logic
high enables the device. An internal 4
µA current source to
VCC pulls the ON/OFF pin high if it is left open.
Figure 11. RS232/RS485 Interfaces
1
28
VCC
5V
LTC1334 • F11
120
Ω
12
21
LTC1334
RX OUT
18
5V
13
10
11
9
8
14
17
16
RS485 I/O
RS232 DR OUT
19
5V
20
15
VEE
5V
≥ ±5V INTO
3k
Ω LOAD
5
4
27
26
24
RX OUT
6
RS232 RX IN
23
2
3
RX OUT
7
DR IN
DR ENABLE
DR IN
DR IN
22
RS232 DR OUT
RS232 RX IN
VDD
C1
C2
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
In RS485 mode, an internal 4
µA current source pulls the
driver enable pin high if left open. The RS485 receiver has
a 4
µA current source at the noninverting input. If both the
RS485 receiver inputs are open, the output goes to a high
state. Both the current sources are disabled in the RS232
mode. The receiver output B is inactive in RS485 mode
and has a 50k pull-up resistor to provide a known output
state in this mode.
A loopback mode enables internal connections from driver
outputs to receiver inputs for self-test when the LB pin has
a low logic state. The driver outputs are not isolated from
the external loads. This allows transmitter verification
under the loaded condition. An internal 4
µAcurrentsource
pulls the LB pin high if left open and disables the loopback
configuration.
RS232/RS485 Applications
The LTC1334 can support both RS232 and RS485 levels
with a single 5V supply as shown in Figure 11.
Multiprotocol Applications
The LTC1334 is well-suited for software controlled inter-
face mode selection. Each port has a selection pin as
shown in Figure 12. The single-ended transceivers sup-
port both RS232 and EIA562 levels. The differential trans-
ceivers support both RS485 and RS422.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com