Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1334CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1334CSW
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1334CSW Datasheet HTML 8Page - Linear Technology LTC1334CSW Datasheet HTML 9Page - Linear Technology LTC1334CSW Datasheet HTML 10Page - Linear Technology LTC1334CSW Datasheet HTML 11Page - Linear Technology LTC1334CSW Datasheet HTML 12Page - Linear Technology LTC1334CSW Datasheet HTML 13Page - Linear Technology LTC1334CSW Datasheet HTML 14Page - Linear Technology LTC1334CSW Datasheet HTML 15Page - Linear Technology LTC1334CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1334
5V
0.33
µF
0.33
µF
1
µF
3
26
5V
1
TXD–
RXD–
TXD+
RXD+
120
Ω
2
LTC1323CS-16
LTC1334 • F19
TXD
7
3
4
1k
1k
RXEN
5
6
21
LTC1334
18
RA1
4
5
10
9
8
13
14
17
DE1
DY1
19
5V
5V
20
16
15
120
Ω
SEL1, 5V
SEL2, 5V
11
24
6
23
8
16
15
10
14
13
12
11
9
12
25
7
22
28
2
1
27
TXDEN
SHDN
RXDO
1k
1k
CHARGE
PUMP
0.1
µF
0.1
µF
0.1
µF
0.1
µF
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
100pF
100pF
5
Ω TO
22
Ω
5
Ω TO
22
Ω
100pF
FERRITE
BEAD
FERRITE
BEAD
=
OR
OR
EMI
NC
NC
NC
NC
NC
NC
NC
NC
NC
S
APPLICATI
I FOR ATIO
Figure 20. AppleTalk Direct Connect Using the LTC1323 DTE and the LTC1334 for DCE Transceivers
5V
0.33
µF
0.33
µF
1
µF
3
26
5V
1
TXD–
TXO
TXD+
RXI
120
Ω
2
LTC1323CS
LTC1334 • F20
CPEN
7
3
4
TXDEN
5
6
21
LTC1334
18
RA1
RA2
4
5
10
9
8
13
14
17
DE1
DY1
DY2
DZ2
19
5V
5V
20
16
15
120
Ω
120
Ω
120
Ω
SEL1
5V
SEL2
11
24
6
23
12
24
23
18
22
21
20
19
17
RXI
16
RXD–
15
RXD+
14
13
12
25
7
22
28
2
1
27
TXD
TXI
SHDN
8
RXEN
9
RXO
10
11
RXO
RXDO
CHARGE
PUMP
0.1
µF
0.1
µF
0.1
µF
0.1
µF
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
NC
NC
NC
100pF
100pF
5
Ω TO
22
Ω
5
Ω TO
22
Ω
100pF
FERRITE
BEAD
FERRITE
BEAD
=
OR
OR
EMI
EMI
EMI
Figure 19. AppleTalk/LocalTalk Implemented Using the LTC1323CS-16 and LTC1334 Transceivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com