Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1326CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1326CS8
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1326CS8 Datasheet HTML 6Page - Linear Technology LTC1326CS8 Datasheet HTML 7Page - Linear Technology LTC1326CS8 Datasheet HTML 8Page - Linear Technology LTC1326CS8 Datasheet HTML 9Page - Linear Technology LTC1326CS8 Datasheet HTML 10Page - Linear Technology LTC1326CS8 Datasheet HTML 11Page - Linear Technology LTC1326CS8 Datasheet HTML 12Page - Linear Technology LTC1326CS8 Datasheet HTML 13Page - Linear Technology LTC1326CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1326/LTC1326-2.5
Figure 3 contains a simple circuit for 5V systems that can’t
risk the RST output going high in the 3.1V to 4.15V range
(possibly due to very slow rise time on the 5V supply).
Diode D1 powers the LTC1326 while dropping
≈0.6V from
the VCC5 pin to the VCC3 pin. This prevents the part’s
internal override circuit from being activated. Without the
override circuit active, the RST pin stays low until VCC5
reaches VRT5 ≅ 4.725V. (See Figure 4.)
LTC1326-2.5 Override Functions
The VCCA pin, if unused, can be tied to either VCC3 or VCC25.
This is an obvious solution since the trip points for VCC3
and VCC25 will always be greater than the trip point for
VCCA. Likewise, the VCC25, if unused, can be tied to VCC3.
VCC3 must always be used. Tying VCC3 to VCC25 and
operating off of a 2.5V supply will result in the continuous
assertion of RST.
Extending ESD Tolerance on the PBR Input Pin
The PBR pin is susceptible to ESD since it may be brought
out to a front panel in normal applications. The ESD
tolerance of this pin can be increased by adding a resistor
in series with the PBR pin. A 10k resistor can increase the
ESD tolerance of the PBR pin to approximately 10kV. The
PBR’s internal pull-up current of 7
µA typical means there
is only 70mV (150mV max) dropped across the resistor.
See Figure 5.
APPLICATIO S I FOR ATIO
PUSH-BUTTON
RESET
1
2
3
4
8
7
6
5
VCC3
VCC25
VCCA
GND
PBR
SRST
RST
RST
LTC1326-2.5
3.3V
SYSTEM RESET
2.5V
R2
R1
1326/2.5 F05
ADJUSTABLE SUPPLY
OR DC/DC FEEDBACK
DIVIDER
10k*
*OPTIONAL RESISTOR EXTENDS ESD TOLERANCE OF PBR INPUT TO APPROXIMATELY 10kV
Figure 5. Triple Supply Monitor (3.3V, 2.5V
and Adjustable) with Extended ESD Tolerance
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1326
SYSTEM RESET
1326/2.5 F03
5V
0.1
µF
4.7k
D1*
*MMBD914 OR EQUIVALENT
VCC5 (V)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
1326/2.5 F04
5
4
3
2
1
0
VCC5 = VCCA = 0V TO 5V
4.7k PULL-UP FROM RST TO VCC5
TA = 25°C
Figure 3. LTC1326 Monitoring a Single 5V Supply.
D1 Used to Avoid RST High Near 3.3V to 4V (See
Figure 2).
Figure 4. RST Output Voltage
Characteristics of the Circuit in Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com