Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1326CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1326CS8
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1326CS8 Datasheet HTML 8Page - Linear Technology LTC1326CS8 Datasheet HTML 9Page - Linear Technology LTC1326CS8 Datasheet HTML 10Page - Linear Technology LTC1326CS8 Datasheet HTML 11Page - Linear Technology LTC1326CS8 Datasheet HTML 12Page - Linear Technology LTC1326CS8 Datasheet HTML 13Page - Linear Technology LTC1326CS8 Datasheet HTML 14Page - Linear Technology LTC1326CS8 Datasheet HTML 15Page - Linear Technology LTC1326CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1326/LTC1326-2.5
TYPICAL APPLICATIONS N
SRST Tied to RST and OR-Tying Other Sources to RST to
Generate Reset and Reset
4.7k
SRST
6
µA
6
µA
3.3V
LTC1326/
LTC1326-2.5
PUSHBUTTON
RESET
RESET
1326/2.5 TA08
OTHER OPEN DRAIN
RESET SOURCES
OR-TIED TO RESET
7
8
PBR
RST
RST
VCC3
6
5
Using VCCA Tied to DC/DC Feedback Divider
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1326
3.3V
SYSTEM
RESET
5V
22.1k
1%
1326/2.5 TA09
35.7k
1%
LTC1435
ADJUSTABLE
RESET TRIP
THRESHOLD 2.74V
2.9V
2.8k
1%
6
VOSENSE
Using the Short Pulse Width, Push-Button Soft Reset Feature
to Initiate Hard Reset
1
2
3
4
8
7
6
5
VCC3
VCC25
VCCA
GND
PBR
SRST
RST
RST
LTC1326-2.5
3.3V
RESET
2.5V
PBR
20ms
RST
1326/2.5 TA11
200ms
40ns
≤ tP ≤ 10µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com