Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1326CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1326CS8
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1326CS8 Datasheet HTML 8Page - Linear Technology LTC1326CS8 Datasheet HTML 9Page - Linear Technology LTC1326CS8 Datasheet HTML 10Page - Linear Technology LTC1326CS8 Datasheet HTML 11Page - Linear Technology LTC1326CS8 Datasheet HTML 12Page - Linear Technology LTC1326CS8 Datasheet HTML 13Page - Linear Technology LTC1326CS8 Datasheet HTML 14Page - Linear Technology LTC1326CS8 Datasheet HTML 15Page - Linear Technology LTC1326CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1326/LTC1326-2.5
TYPICAL APPLICATIONS N
Monitoring a Negative Supply
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1326
5V
–5V
3.3V
C2
0.1
µF
SYSTEM RESET
1326/2.5 TA12
R1
150k
1%
R3
100k
1%
VCCA
R2
150k
1%
R4
392k
1%
C1
0.1
µF
Q1
2N3906
Q3
2N3904
Q2
2N3906
R4
≈ (100k)(0.98)(VTRIP + 0.55)(–1)
1
2
3
4
8
7
6
5
VCC3
VCC25
VCCA
GND
PBR
SRST
RST
RST
LTC1326-2.5
2.5V
SYSTEM RESET
R2
1326/2.5 TA13
R1
ADJUSTABLE
SUPPLY
3.3V
100k
Reset Valid for VCC3 Down to 0V
VCC3 (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1326/2.5 TA13a
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC3 = VCC25 = VCCA
TA = 25°C
RST OUTPUT WITH
100k PULL-UP TO VCC3
RST OUTPUT
WITHOUT
100k PULL-UP.
10M LOAD TO GND
SUPPLY
VTRIP
R4
– 5V
– 4.6V
392k
– 3.3V
– 3V
237k
– 12V
– 10.8V
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com