Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1345CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1345CSW
Description  Single Supply V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1345CSW Datasheet HTML 4Page - Linear Technology LTC1345CSW Datasheet HTML 5Page - Linear Technology LTC1345CSW Datasheet HTML 6Page - Linear Technology LTC1345CSW Datasheet HTML 7Page - Linear Technology LTC1345CSW Datasheet HTML 8Page - Linear Technology LTC1345CSW Datasheet HTML 9Page - Linear Technology LTC1345CSW Datasheet HTML 10Page - Linear Technology LTC1345CSW Datasheet HTML 11Page - Linear Technology LTC1345CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1345
APPLICATIONS INFORMATION
RS422/RS485 Applications
The receivers on the LTC1345 are ideal for RS422 and
RS485 applications. Using the test circuit in Figure 9, the
LTC1345 receivers are able to successfully reconstruct
the data stream with the common-mode voltage meeting
RS422 and RS485 requirements (12V to – 7V).
Figures 10 and 11 show that the LTC1345 receivers are
very capable of reconstructing data at rates up to 10Mbaud.
Figure 10. – 7V Common Mode
LTC1345 • F10
RECEIVER
OUTPUT
5V/DIV
B
A
–10V
–5V
0V
0
5
Figure 11. 12V Common Mode
RECEIVER
OUTPUT
5V/DIV
15V
5
0
LTC1345 • F11
10V
5V
0V
RECEIVER
INPUT
5V/DIV
B
A
RECEIVER
INPUT
5V/DIV
LTC485
12V TO – 7V
COMMON-MODE VOLTAGE
VCC1
5V
100
Ω
100
Ω
ABX
B
AX
GND
LTC1345 • F09
LTC1345
VCC2
5V
GND
TTL
IN
TTL
OUT
– +
Figure 9 RS422/RS485 Receiver Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com