Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1345CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1345CSW
Description  Single Supply V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1345CSW Datasheet HTML 3Page - Linear Technology LTC1345CSW Datasheet HTML 4Page - Linear Technology LTC1345CSW Datasheet HTML 5Page - Linear Technology LTC1345CSW Datasheet HTML 6Page - Linear Technology LTC1345CSW Datasheet HTML 7Page - Linear Technology LTC1345CSW Datasheet HTML 8Page - Linear Technology LTC1345CSW Datasheet HTML 9Page - Linear Technology LTC1345CSW Datasheet HTML 10Page - Linear Technology LTC1345CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1345
Review of CCITT Recommendation V.35
Electrical Specifications
V.35 is a CCITT recommendation for synchronous data
transmission via modems. Appendix 2 of the recommen-
dation describes the electrical specifications which are
summarized below:
1. The interface cable is balanced twisted-pair with 80
Ω to
120
Ω impedance.
2. The transmitter’s source impedance is between 50
Ωand
150
Ω.
3. The transmitter’s resistance between shorted terminals
and ground is 150
Ω ±15Ω.
4. When terminated by a 100
Ω resistive load, the terminal-
to-terminal voltage should be 0.55V
±20%.
5. The transmitter’s rise time should be less than 1% of the
signal pulse or 40ns, whichever is greater.
6. The common-mode voltage at the transmitter output
should not exceed 0.6V.
7. The receiver impedance is 100
Ω ±10Ω.
8. The receiver impedance to ground is 150
Ω ±15Ω.
9. The transmitter or receiver should not be damaged by
connection to earth ground, short-circuiting, or cross
connection to other lines.
10. No data errors should occur with
±2V common-mode
change at either the transmitter or receiver, or
±4V ground
potential difference between transmitter and receiver.
Cable Termination
Each end of the cable connected to an LTC1345 must be
terminated by either one of two electrically equivalent
external Y or
∆ resistor networks for proper operation. The
Y-termination has two series connected 50
Ω resistors and
a 125
Ω resistor connected between ground and the center
tap of the two 50
Ω resistors as shown in Figure 6A.
Figure 6. Y and
∆ Termination Networks
50
Ω
50
Ω
125
Ω
A
LTC1345 • F06
300
Ω
300
Ω
120
Ω
B
The alternative
∆-termination has a 120Ω resistor across
the twisted wires and two 300
Ω resistors between each
wire and ground as shown in Figure 6B. Standard 1/8W,
5% surface mount resistors can be used for the termination
network. To maintain the proper differential output swing,
the resistor tolerance must be 5% or less. A termination
network that combines all the resistors into an SO-14
package is available from:
BI Technologies (Formerly Beckman Industrial)
Resistor Networks
4200 Bonita Place
Fullerton, CA 92635
Phone: (714) 447-2357
FAX: (714) 447-2500
Part #: BI Technologies 627T500/1250 (SOIC)
899TR50/125 (DIP)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com