Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1345CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1345CSW
Description  Single Supply V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1345CSW Datasheet HTML 1Page - Linear Technology LTC1345CSW Datasheet HTML 2Page - Linear Technology LTC1345CSW Datasheet HTML 3Page - Linear Technology LTC1345CSW Datasheet HTML 4Page - Linear Technology LTC1345CSW Datasheet HTML 5Page - Linear Technology LTC1345CSW Datasheet HTML 6Page - Linear Technology LTC1345CSW Datasheet HTML 7Page - Linear Technology LTC1345CSW Datasheet HTML 8Page - Linear Technology LTC1345CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1345
Note 1: The absolute maximum ratings are those values beyond which the
safety of the device cannot be guaranteed.
Note 2: All currents into device pins are termed positive; all currents out of
device pins are termed negative. All voltages are referenced to device
ground unless otherwise specified.
Note 3: All typicals are given for VCC = 5V, C1 = C2 = C3 = 1µF ceramic
capacitors and TA = 25°C.
Note 4: Maximum data rate is specified for NRZ data encoding scheme.
The maximum data rate may be different for other data encoding schemes.
Data rate is guaranteed by correlation and is not tested.
TEMPERATURE (˚C)
–50
25
LTC1345 • TPC01
11
10
–25
0
50
9
13
12
75
100
125
VCC = 5V
Transmitter Output Current
vs Temperature
TEMPERATURE (˚C)
–50
25
LTC1345 • TPC03
10
5
–25
0
50
0
20
15
75
100
125
VCC = 5V
Transmitter Output Skew
vs Temperature
OUTPUT VOLTAGE (V)
–2.0
11
12
2.0
LTC1345 • TPC02
10
9
–1.0
0
1.0
13
–1.5
–0.5
0.5
1.5
TA = 25°C
VCC = 5V
Transmitter Output Current
vs Output Voltage
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tR, tF
Transmitter Rise or Fall Time
Figures 1 and 3, VOS = 0V
q
740
ns
tPLH
Transmitter Input to Output
Figures 1 and 3, VOS = 0V
q
25
70
ns
tPHL
Transmitter Input to Output
Figures 1 and 3, VOS = 0V
q
25
70
ns
tSKEW
Transmitter Output to Output
Figures 1 and 3, VOS = 0V
0
ns
tPLH
Receiver Input to Output
Figures 1 and 4, VOS = 0V
q
49
100
ns
tPHL
Receiver Input to Output
Figures 1 and 4, VOS = 0V
q
52
100
ns
tSKEW
Differential Receiver Skew, tPLH – tPHL
Figures 1 and 4, VOS = 0V
3
ns
tZL
Receiver Enable to Output LOW
Figures 2 and 5, CL = 15pF, S1 Closed
q
40
70
ns
tZH
Receiver Enable to Output HIGH
Figures 2 and 5, CL = 15pF, S2 Closed
q
35
70
ns
tLZ
Receiver Disable From LOW
Figures 2 and 5, CL = 15pF, S1 Closed
q
30
70
ns
tHZ
Receiver Disable From HIGH
Figures 2 and 5, CL = 15pF, S2 Closed
q
35
70
ns
fOSC
Charge Pump Oscillator Frequency
200
kHz
BRMAX
Maximum Data Rate (Note 4)
q
10
15
Mbaud
AC ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5% (Notes 2, 3), unless otherwise specified.
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com