Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1322CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1322CS
Description  RS232/EIA562/RS485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1322CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1322CS Datasheet HTML 1Page - Linear Technology LTC1322CS Datasheet HTML 2Page - Linear Technology LTC1322CS Datasheet HTML 3Page - Linear Technology LTC1322CS Datasheet HTML 4Page - Linear Technology LTC1322CS Datasheet HTML 5Page - Linear Technology LTC1322CS Datasheet HTML 6Page - Linear Technology LTC1322CS Datasheet HTML 7Page - Linear Technology LTC1322CS Datasheet HTML 8Page - Linear Technology LTC1322CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1321/LTC1322/LTC1335
RS232/EIA562/RS485
Transceivers
S
FEATURE
The LTC1321/LTC1322/LTC1335 are low power CMOS
bidirectional transceivers, each featuring two reconfigurable
interface ports. Each can be configured as two RS485
differential ports, as two single-ended ports, or as one
RS485 differential port and one single-ended port. The
LTC1321/LTC1322 can provide RS232 or EIA562 compat-
ible single-ended outputs; the LTC1335 provides EIA562
compatible outputs and additionally includes an output
enable pin, allowing the receiver logic level outputs to be
three-stated.
The RS232/EIA562 transceivers operate to 120kbaud and
are in full compliance with EIA/TIA-562 specification. The
RS485 transceivers operate to 10Mbaud and are in full
compliance with RS485 and RS422 specifications. All
interface drivers feature short-circuit and thermal shut-
down protection. An enable pin allows RS485 driver
outputs to be forced into high impedance which is main-
tained even when the outputs are forced beyond supply
rails or power is off. Both driver outputs and receiver
inputs feature
±10kV ESD protection. A loopback mode
connects the driver outputs back to the receiver inputs for
diagnostic self-test.
The LTC1321/LTC1322 can support RS232 voltage levels
when 6.5V
≤ VDD ≤ 10V and –6.5V ≥ VEE ≥ –10V. The
LTC1335 supports receiver output enable but not RS232
levels. A shutdown mode reduces the ICC supply current
to 15
µA.
DESCRIPTIO
APPLICATIONS
s
Low Power RS485/RS422/EIA562/RS232 Interface
s
Cable Repeater
s
Level Translator
s
LTC1321: 2-EIA562/RS232 Transceivers/2-RS485
Transceivers
s
LTC1322: 4-EIA562/RS232 Transceivers/2-RS485
Transceivers
s
LTC1335: 4-EIA562 Transceivers/2-RS485
Transceivers with OE
s
LTC1321/LTC1322 Have the Same Pinout as
SP301/SP302
s
LTC1335 Features Receiver Three-State Outputs
s
Low Supply Current: 1mA Typical
s
15
µA Supply Current in Shutdown
s
120kBaud in EIA/TIA-562 or RS232 Mode
s
10MBaud in RS485/RS422 Mode
s
Self-Testing Capability in Loopback Mode
s
Power-Up/Down Glitch-Free Outputs
s
Driver Maintains High Impedance in Three-State,
Shutdown or With Power Off
s
Thermal Shutdown Protection
s
I/O Lines Can Withstand
±25V
s
Withstands Repeated 10kV ESD Pulses
APPLICATI
TYPICAL
19
5V
6
5V
7
5V
18
0V
1
24
VCC2
5V
1
24
VCC1
5V
120
Ω
2
LTC1322
1321/22/35 TA01
RX OUT
21
RS485 INTERFACE
DR ENABLE
3
4
5
12
22
DR IN
20
13
VEE1
–5V
11
19
LTC1322
RX OUT
16
5V
DR ENABLE
10
9
8
7
6
12
15
DR IN
17
5V
18
13
VEE2
–5V
120
Ω
4000-FT 24-GAUGE TWISTED PAIR
5V
0V
8
DR IN
17
3
22
RX OUT
11
14
RX OUT
4
DR IN
21
EIA562 INTERFACE
9
DR IN
16
2
23
RX OUT
10
15
RX OUT
5
DR IN
20


Similar Part No. - LTC1322CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1322CS LINER-LTC1322CS Datasheet
337Kb / 20P
Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
LTC1322CS LINER-LTC1322CS Datasheet
337Kb / 20P
Transceivers
More results

Similar Description - LTC1322CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Beckhoff Automation Gmb...
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
Embedded PC for RS232/RS485
CX8180 BECKHOFF-CX8180 Datasheet
134Kb / 3P
Embedded PC with RS232/RS485
logo
List of Unclassifed Man...
USR-TCP232-410S ETC2-USR-TCP232-410S Datasheet
893Kb / 17P
RS232 & RS485 TO ETHERNET
V1. 1 1 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com