Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1322CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1322CS
Description  RS232/EIA562/RS485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1322CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1322CS Datasheet HTML 12Page - Linear Technology LTC1322CS Datasheet HTML 13Page - Linear Technology LTC1322CS Datasheet HTML 14Page - Linear Technology LTC1322CS Datasheet HTML 15Page - Linear Technology LTC1322CS Datasheet HTML 16Page - Linear Technology LTC1322CS Datasheet HTML 17Page - Linear Technology LTC1322CS Datasheet HTML 18Page - Linear Technology LTC1322CS Datasheet HTML 19Page - Linear Technology LTC1322CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1321/LTC1322/LTC1335
S
APPLICATI
TYPICAL
The LTC1322/LTC1335 can be used to translate EIA562 to
RS422 interface level or vice versa as shown in Figure 22.
One port is configured as EIA562 transceiver and the other
as RS485 transceiver. The LTC1322 can also support
RS232 to RS422 level translation if VDD is between 6.5V
and 10V, and VEE is between –6.5V and –10V.
Using two LTC1321/LTC1335 as level translators, the
EIA562/RS232 interface distance can be extended to 4000
feet with twisted wires (Figure 23).
RS422
EIA562/RS232*
1321/22/35 F22
100
Ω
10
8
7
17
22
21
20
15
6
TX OUT
TX OUT
RX IN
RX IN
5V
2
3
4
5
LTC1322/LTC1335
* RS232 LEVELS ARE SUPPORTED ON LTC1322.
Figure 22. Typical EIA562/RS232 to RS422 Level Translator
RS422
EIA562/RS232*
1321/22/35 F23
100
Ω
100
Ω
10
8
7
17
22
21
20
15
6
TX OUT
RX IN
5V
2
3
4
5
LTC1322/LTC1335
EIA562/RS232*
20
8
10
15
5V
7
17
22
21
6
2
3
4
5
RX IN
TX OUT
* RS232 LEVELS ARE SUPPORTED ON LTC1322.
LTC1322/LTC1335
Figure 23. Typical Cable Extension for EIA562/RS232 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com