Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1322CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1322CS
Description  RS232/EIA562/RS485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1322CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1322CS Datasheet HTML 10Page - Linear Technology LTC1322CS Datasheet HTML 11Page - Linear Technology LTC1322CS Datasheet HTML 12Page - Linear Technology LTC1322CS Datasheet HTML 13Page - Linear Technology LTC1322CS Datasheet HTML 14Page - Linear Technology LTC1322CS Datasheet HTML 15Page - Linear Technology LTC1322CS Datasheet HTML 16Page - Linear Technology LTC1322CS Datasheet HTML 17Page - Linear Technology LTC1322CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1321/LTC1322/LTC1335
1
24
VCC
5V
1321/22/35 F13
120
Ω
11
19
LTC1321
LTC1322
LTC1335
RX OUT
16
5V
10
9
8
7
6
12
15
14
RS485 I/O
EIA562 DR OUT
17
5V
18
13
VEE
–5V
5V
0V
3
22
RX OUT
4
EIA562 RX IN (LTC1322/LTC1335 ONLY)
21
2
RX OUT
5
DR IN
DR ENABLE
DR IN
DR IN
20
EIA562 DR OUT (LTC1322/LTC1335 ONLY)
LTC1321/LTC1322 ONLY
EIA562 RX IN
VDD (LTC1321/LTC1322)
OR OE (LTC1335)
0.1
µF
0.1
µF
1
24
VCC
5V
V–
–12V
V+
12V
1321/22/35 F14
120
Ω
0.1
µF
0.1
µF
0.1
µF
11
19
LTC1321
LTC1322
RX OUT
16
5V
10
9
8
7
6
12
15
14
RS485 I/O
*OPTIONAL
RS232 DR OUT
17
5V
Z3*
1N5246B
16V
18
13
VEE
5V
0V
3
22
RX OUT
4
RS232 RX IN (LTC1322 ONLY)
21
2
RX OUT
5
DR IN
DR ENABLE
DR IN
DR IN
20
RS232 DR OUT (LTC1322 ONLY)
RS232 RX IN
VDD
Z1
1N5229B
4.3V
Z2
1N5229B
4.3V
Figure 13. EIA562/RS485 Interfaces with
±5V Supplies
Figure 14. RS232/RS485 Interfaces with 5V,
±12V Supplies
LocalTalk and AppleTalk are registered trademarks of Apple Computer, Inc.
LB pin has a LOW logic state. The driver outputs are not
isolated from the external loads. This allows transmitter
verification under the loaded condition. An internal 4
µA
current source pulls the LB pin HIGH if left open and
disables the loopback configuration.
EIA562/RS485 Applications
EIA562 and RS485 output levels are supported when
LTC1321/LTC1322/LTC1335 are powered from
±5V sup-
plies. The LTC1321/LTC1322 require the VDD and VCC pins
to be tied together and connected to 5V supply (Figure 13).
The VDD and VCC are connected internally and brought out
at VCC pin in the LTC1335. The unloaded outputs will
swing from – 5V to 5V in EIA562 mode, and from 0V to 5V
in RS485 mode.
RS232/RS485 Applications
If true RS232-compatible outputs are required, the
LTC1321/LTC1322 may be used with the VDD and VEE
supply voltages increased to provide the additional signal
swing. To meet RS232, VDD must be between 6.5V and
10V, and VEE must be between –6.5V and –10V. VCC
remains connected to 5V. If only
±12V supplies are avail-
able, inexpensive Zener diodes (Z1 and Z2) may be con-
nected in series with VDD and VEE supply pins as shown in
Figure 14. An optional 16V Zener diode between VCC and
VEE is recommended to keep the maximum voltage be-
tween VCC and VEE within safe limits.
LocalTalk
®/AppleTalk® Applications
The LTC1321/LTC1322/LTC1335 can be used to provide
AppleTalk/LocalTalk-compatible signals in RS485 mode.
Figure 15 shows one half of an LTC1335 connected to an
LTC1320 AppleTalk transceiver in a typical LocalTalk
configuration. Figure 16 shows a typical direct-wire con-
nection with the LTC1335 as the DCE transceiver and the
LTC1320 as the DTE transceiver. The LTC1321/LTC1322/
LTC1335 RS485 mode is capable of meeting all AppleTalk
protocol specifications.
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com