Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1404CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1404CS8
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1404CS8 Datasheet HTML 8Page - Linear Technology LTC1404CS8 Datasheet HTML 9Page - Linear Technology LTC1404CS8 Datasheet HTML 10Page - Linear Technology LTC1404CS8 Datasheet HTML 11Page - Linear Technology LTC1404CS8 Datasheet HTML 12Page - Linear Technology LTC1404CS8 Datasheet HTML 13Page - Linear Technology LTC1404CS8 Datasheet HTML 14Page - Linear Technology LTC1404CS8 Datasheet HTML 15Page - Linear Technology LTC1404CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1404
APPLICATIONS INFORMATION
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at sum and difference
frequencies of mfa
± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa + fb) and
(fa – fb) while the 3rd order IMD terms includes (2fa + fb),
(2fa – fb), (fa + 2fb) and (fa – 2fb). If the two input sine
waves are equal in magnitude, the value (in decibels) of the
2nd order IMD products can be expressed by the following
formula.
IMD fa
fb
fa
fb
±
() =
±
20log
Amplitude at (
)
Amplitude at fa
Figure 5 shows the IMD performance at a 100kHz input.
Figure 5. Intermodulation Distortion Plot in Bipolar Mode
FREQUENCY (kHz)
0
40
80
100
140
180
20
60
120
160
220
200
240 260 280 300
1404 F05
0
–10
–20
–30
–40
–50
– 60
–70
–80
–90
–100
–110
–120
fSAMPLE = 600kHz
fa = 99.16992188kHz
fb = 102.6855469kHz
fa
fb
3fa
2fb – fa
2fa – fb
2fa + fb
2fa
3fb
fa + fb
2fb
2fb + fa
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in decibels relative to the RMS value of
a full-scale input signal.
Full Power and Full Linear Bandwidth
The full power bandwidth is the input frequency at which
the amplitude of the reconstructed fundamental is re-
duced by 3dB for a full-scale input signal.
The full linear bandwidth is the input frequency at which
the S/(N + D) has dropped to 68dB (11 effective bits). The
LTC1404 has been designed to optimize input bandwidth,
allowing the ADC to undersample input signals with fre-
quencies above the converter’s Nyquist Frequency. The
noise floor stays very low at high frequencies; S/(N + D)
becomes dominated by distortion at frequencies far be-
yond Nyquist.
Driving the Analog Input
The analog input of the LTC1404 is easy to drive. It draws
only one small current spike while charging the sample-
and-hold capacitor at the end of a conversion. During
conversion, the analog input draws only a small leakage
current. The only requirement is that the amplifier driving
the analog input must settle after the small current spike
before the next conversion starts. Any op amp that settles
in 160ns to small load current transient will allow maxi-
mum speed operation. If a slower op amp is used, more
settling time can be provided by increasing the time
between conversions. Suitable devices capable of driving
the ADC’s AIN input include the LT
® 1360 and the LT1363
op amps.
The LTC1404 comes with a built-in unipolar/bipolar detec-
tion circuit. If the VSS potential is forced below GND, the
internal circuitry will automatically switch to bipolar mode.
The following list is a summary of the op amps that are
suitable for driving the LTC1404, more detailed informa-
tion is available in the Linear Technology databooks and
the LinearView
TM CD-ROM.
LT 1215/LT1216: Dual and quad 23MHz, 50V/
µs single
supply op amps. Single 5V to
±15V supplies, 6.6mA
specifications, 90ns settling to 0.5LSB.
LT1223: 100MHz video current feedback amplifier.
±5V
to
±15V supplies, 6mA supply current. Low distortion up
to and above 600kHz. Low noise. Good for AC applica-
tions.
LT1227: 140MHz video current feedback amplifier.
±5V
to
±15V supplies, 10mA supply current. Lowest distor-
tion at frequencies above 600kHz. Low noise. Best for AC
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com