Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1404CS8 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1404CS8
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404CS8 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1404CS8 Datasheet HTML 16Page - Linear Technology LTC1404CS8 Datasheet HTML 17Page - Linear Technology LTC1404CS8 Datasheet HTML 18Page - Linear Technology LTC1404CS8 Datasheet HTML 19Page - Linear Technology LTC1404CS8 Datasheet HTML 20Page - Linear Technology LTC1404CS8 Datasheet HTML 21Page - Linear Technology LTC1404CS8 Datasheet HTML 22Page - Linear Technology LTC1404CS8 Datasheet HTML 23Page - Linear Technology LTC1404CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1404
TYPICAL APPLICATIONS
1
8
LTC1404
CONV
CLK
DOUT
GND
ANALOG INPUT
(0V TO 4.096V)
12
11
14
13
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
QH'
D0
D1
D2
D3
D4
D5
D6
D7
RCK
SRCK
SER
G
0.1
µF
10
µF
+
10
µF
0.1
µF
2.43V
REFERENCE
OUTPUT
+
SRCLR
74HC595
10
12
11
14
13
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
QH'
D8
D9
D10
D11
REFRDY
RCK
SRCK
SER
G
SRCLR
74HC595
10
CLK
CONV
3-WIRE SERIAL
INTERFACE LINK
5V
1404 TA03
5V
3
VREF
4
2
VCC
VSS
AIN
7
6
5
Quick Look Circuit for Converting Data to Parallel Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com