Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1404CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1404CS8
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1404CS8 Datasheet HTML 16Page - Linear Technology LTC1404CS8 Datasheet HTML 17Page - Linear Technology LTC1404CS8 Datasheet HTML 18Page - Linear Technology LTC1404CS8 Datasheet HTML 19Page - Linear Technology LTC1404CS8 Datasheet HTML 20Page - Linear Technology LTC1404CS8 Datasheet HTML 21Page - Linear Technology LTC1404CS8 Datasheet HTML 22Page - Linear Technology LTC1404CS8 Datasheet HTML 23Page - Linear Technology LTC1404CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1404
© LINEAR TECHNOLOGY CORPORATION 1998
1404f LT/TP 0398 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977q www.linear-tech.com
TYPICAL APPLICATIONS
LTC1404 Interface to TMS320C50 Running at 5MHz without External Clock
LTC1404 Interface to ADSP2181 Running at 8.3MHz without External Clock
RELATED PARTS
12-Bit Parallel Output ADCs
PART NUMBER
DESCRIPTION
COMMENTS
LTC1273/LTC1275/
Complete 5V Sampling 12-Bit ADCs with 70dB
Lower Power and Cost Effective for fSAMPLE ≤ 300ksps
LTC1276
SINAD at Nyquist
LTC1274/LTC1277
Low Power 12-Bit ADCs with Nap and Sleep Mode Shutdown
Lowest Power (10mW) for fSAMPLE ≤ 100ksps
LTC1278/LTC1279
High Speed Sampling 12-Bit ADCs with Shutdown
Cost Effective 12-Bit ADCs with Convert Start Input
Best for 300ksps < fSAMPLE ≤ 600ksps
LTC1282
Complete 3V 12-Bit ADCs with 12mW Power Dissipation
Fully Specified for 3V Powered Applications, fSAMPLE ≤ 140ksps
LTC1409
Low Power 12-Bit, 800ksps Sampling ADC
Best Dynamic Performance fSAMPLE ≤ 800ksps,
80mW Dissipation
LTC1410
12-Bit, 1.25Msps Sampling ADC with Shutdown
Best Dynamic Performance, THD = 84 and SINAD = 71 at Nyquist
12-Bit Serial Output ADCs
PART NUMBER
VCC
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
LTC1285/LTC1288
3V
7.5/6.6ksps
0.48mW
3V, One or Two Input, Micropower, SO-8
LTC1286/LTC1298
5V
12.5/11.1ksps
1.25mV
One or Two Input, Micropower, SO-8
LTC1290
5/
±5V
50ksps
30mW
8 Input, Full-Duplex Serial I/O
LTC1296
5/
±5V
46.5ksps
30mW
8 Input, Half-Duplex Serial I/O, Power Shutdown Output
LTC1400
5/
±5V
400ksps
75mW
Complete 12-Bit, 400ksps, SO-8 ADC with Shutdown
LTC1401
3V
200ksps
15mW
Complete 12-Bit, 200ksps, SO-8 ADC with Shutdown
AIN
VSS
VCC
VREF
CLK
CONV
DOUT
GND
SCLKO
RFSO
DR0
LTC1404
ADSP2181
UNIPOLAR
INPUT
+
10
µF
0.1
µF
+
10
µF
5V
0.1
µF
1
2
3
84
6
7
5
1404 TA06
(8.3MHz)
VCC
AIN
VREF
VSS
CLK
CONV
DOUT
GND
TCLKX
TCLKR
TFSX
TFSR
TDR
LTC1404
TMS320C50
+
10
µF
0.1
µF
UNIPOLAR
INPUT
+
10
µF
0.1
µF
5V
1404 TA07
1
2
3
84
6
7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com