Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1418AIN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1418AIN
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418AIN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1418AIN Datasheet HTML 13Page - Linear Technology LTC1418AIN Datasheet HTML 14Page - Linear Technology LTC1418AIN Datasheet HTML 15Page - Linear Technology LTC1418AIN Datasheet HTML 16Page - Linear Technology LTC1418AIN Datasheet HTML 17Page - Linear Technology LTC1418AIN Datasheet HTML 18Page - Linear Technology LTC1418AIN Datasheet HTML 19Page - Linear Technology LTC1418AIN Datasheet HTML 20Page - Linear Technology LTC1418AIN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1418
APPLICATIONS INFORMATION
Figure 12d. Suggested Evaluation Circuit Board—Solder Side Layout
1418 F12d
Bypass capacitors must be located as close to the pins as
possible. The traces connecting the pins and the bypass
capacitors must be kept short and should be made as wide
as possible.
Example Layout
Figures 12a, 12b, 12c and 12d show the schematic and
layout of a suggested evaluation board. The layout demon-
strates the proper use of decoupling capacitors and ground
plane with a 2-layer printed circuit board.
DIGITAL INTERFACE
The LTC1418 can operate in serial or parallel mode. In
parallel mode the ADC is designed to interface with micro-
processors as a memory mapped device. The CS and RD
control inputs are common to all peripheral memory
interfacing. In serial mode only four digital interface lines
are required, SCLK, CONVST, EXTCLKIN and DOUT. SCLK,
the serial data shift clock can be an external input or
supplied by the LTC1418 internal clock.
Internal Clock
The ADC has an internal clock. In parallel output mode the
internal clock is always used as the conversion clock. In
serial output mode either the internal clock or an external
clock may be used as the conversion clock (see Figure 20).
The internal clock is factory trimmed to achieve a typical
conversion time of 3.4
µs and a maximum conversion time
over the full operating temperature range of 4
µs. No exter-
nal adjustments are required, and with the guaranteed maxi-
mum acquisition time of 1
µs, throughput performance of
200ksps is assured.
Power Shutdown
The LTC1418 provides two power shutdown modes, nap
and sleep, to save power during inactive periods. The nap
mode reduces the power by 80% and leaves only the
digital logic and reference powered up. The wake-up time
from nap to active is 500ns (see Figure 13a). In sleep
mode all bias currents are shut down and only leakage
current remains— about 2
µA. Wake-up time from sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com