Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1418AIN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1418AIN
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418AIN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1418AIN Datasheet HTML 20Page - Linear Technology LTC1418AIN Datasheet HTML 21Page - Linear Technology LTC1418AIN Datasheet HTML 22Page - Linear Technology LTC1418AIN Datasheet HTML 23Page - Linear Technology LTC1418AIN Datasheet HTML 24Page - Linear Technology LTC1418AIN Datasheet HTML 25Page - Linear Technology LTC1418AIN Datasheet HTML 26Page - Linear Technology LTC1418AIN Datasheet HTML 27Page - Linear Technology LTC1418AIN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1418
© LINEAR TECHNOLOGY CORPORATION 1998
1418f LT/TP 0798 4K • PRINTED IN USA
TYPICAL APPLICATION
Single 5V Supply, 200kHz, 14-Bit Sampling A/D Converter
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AIN
+
AIN
–
VREF
REFCOMP
AGND
D13(MSB)
D12
D11
D10
D9
D8
D7
D6
DGND
VDD
VSS
BUSY
CS
CONVST
RD
SHDN
SER/PAR
(EXT/INT)D0
(DOUT)D1
(CLKOUT)D2
(SCLK)D3
(EXTCLKIN )D4
D5
LTC1418
10
µF
1
µF
DIFFERENTIAL
ANALOG INPUT
(0V TO 4.096V)
10
µF
1N5817*
*REQUIRED ONLY IF VSS CAN BECOME
POSITIVE WITH RESPECT TO GROUND
5V
14-BIT
PARALLEL
BUS
µP CONTROL
LINES
1418 TA03
VREF
OUTPUT
2.5V
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1274/LTC1277
Low Power, 12-Bit, 100ksps ADCs
10mW Power Dissipation, Parallel/Byte Interface
LTC1412
12-Bit, 3Msps Sampling ADC
Best Dynamic Performance, SINAD = 72dB at Nyquist
LTC1415
Single 5V, 12-Bit, 1.25Msps ADC
55mW Power Dissipation, 72dB SINAD
LTC1416
Low Power, 14-Bit, 400ksps ADC
70mW Power Dissipation, 80.5dB SINAD
LTC1419
Low Power, 14-Bit, 800ksps ADC
True 14-Bit Linearity, 81.5dB SINAD, 150mW Dissipation
LTC1604
16-Bit, 333ksps Sampling ADC
±2.5V Input, SINAD = 90dB, THD = 100dB
LTC1605
Single 5V, 16-Bit, 100ksps ADC
Low Power,
±10V Inputs, Parallel/Byte Interface
DACs
LTC1595
16-Bit CMOS Multiplying DAC in SO-8
±1LSB Max INL/DNL, 1nV • sec Glitch, DAC8043 Upgrade
LTC1596
16-Bit CMOS Multiplying DAC
±1LSB Max INL/DNL, DAC8143/AD7543 Upgrade
Reference
LT1019-2.5
Precision Bandgap Reference
0.05% Max, 5ppm/
°C Max
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com