Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1418AIN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1418AIN
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418AIN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1418AIN Datasheet HTML 3Page - Linear Technology LTC1418AIN Datasheet HTML 4Page - Linear Technology LTC1418AIN Datasheet HTML 5Page - Linear Technology LTC1418AIN Datasheet HTML 6Page - Linear Technology LTC1418AIN Datasheet HTML 7Page - Linear Technology LTC1418AIN Datasheet HTML 8Page - Linear Technology LTC1418AIN Datasheet HTML 9Page - Linear Technology LTC1418AIN Datasheet HTML 10Page - Linear Technology LTC1418AIN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1418
PIN FUNCTIONS
AIN
+ (Pin 1): Positive Analog Input.
AIN
– (Pin 2): Negative Analog Input.
VREF (Pin 3): 2.50V Reference Output. Bypass to AGND
with 1
µF.
REFCOMP (Pin 4): 4.096V Reference Bypass Pin.
Bypass to AGND with 10
µF tantalum in parallel with 0.1µF
ceramic.
AGND (Pin 5): Analog Ground.
D13 to D6 (Pins 6 to 13): Three-State Data Outputs
(Parallel). D13 is the most significant bit.
DGND (Pin 14): Digital Ground for Internal Logic. Tie to
AGND.
D5 (Pin 15): Three-State Data Output (Parallel).
D4 (EXTCLKIN) (Pin 16): Three-State Data Output
(Parallel). Conversion clock input (serial) when Pin 20
(EXT/INT) is tied high.
D3 (SCLK) (Pin 17): Three-State Data Output (Parallel).
Data clock input (serial).
D2 (CLKOUT) (Pin 18): Three-State Data Output (Parallel).
Conversion clock output (serial).
D1 (DOUT) (Pin 19): Three-State Data Output (Parallel).
Serial data output (serial).
D0 (EXT/INT) (Pin 20): Three-State Data Output (Parallel).
Conversion clock selector (serial). An input low enables
the internal conversion clock. An input high indicates an
external conversion clock will be assigned to Pin 16
(EXTCLKIN).
SER/PAR (Pin 21): Data Output Mode.
SHDN (Pin 22): Power Shutdown Input. Low selects
shutdown. Shutdown mode selected by CS. CS = 0 for nap
mode and CS = 1 for sleep mode.
RD (Pin 23): Read Input. This enables the output drivers
when CS is low.
CONVST (Pin 24): Conversion Start Signal. This active low
signal starts a conversion on its falling edge.
CS (Pin 25): Chip Select. This input must be low for the
ADC to recognize the CONVST and RD inputs. CS also sets
the shutdown mode when SHDN goes low. CS and SHDN
low select the quick wake-up nap mode. CS high and
SHDN low select sleep mode.
BUSY (Pin 26): The BUSY Output Shows the Converter
Status. It is low when a conversion is in progress.
VSS (Pin 27): Negative Supply, –5V for Bipolar Operation.
Bypass to AGND with 10
µF tantalum in parallel with 0.1µF
ceramic. Analog ground for unipolar operation.
VDD (Pin 28): 5V Positive Supply. Bypass to AGND with
10
µF tantalum in parallel with 0.1µF ceramic.
TEST CIRCUITS
1k
CL
DBN
DGND
A) HI-Z TO VOH AND VOL TO VOH
CL
DBN
1k
5V
B) HI-Z TO VOL AND VOH TO VOL
DGND
1418 TC01
Load Circuits for Access Timing
Load Circuits for Output Float Delay
1k
30pF
DBN
A) VOH TO HI-Z
30pF
DBN
1k
5V
B) VOL TO HI-Z
1418 TC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com