Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1430
Description  High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1430 Datasheet HTML 8Page - Linear Technology LTC1430 Datasheet HTML 9Page - Linear Technology LTC1430 Datasheet HTML 10Page - Linear Technology LTC1430 Datasheet HTML 11Page - Linear Technology LTC1430 Datasheet HTML 12Page - Linear Technology LTC1430 Datasheet HTML 13Page - Linear Technology LTC1430 Datasheet HTML 14Page - Linear Technology LTC1430 Datasheet HTML 15Page - Linear Technology LTC1430 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1430
Figure 10. Current Limit Operation
–
+
ILIM
LTC1430
LTC1430 • F10
RIMAX
PVCC
IMAX
IFB
SS
CSS
12
µA
12
µA
VCC
1k
0.1
µF
S
APPLICATI
I FOR ATIO
causing the voltage at SS to fall. As SS falls, it will limit the
output duty cycle, limiting the current at the output.
Eventually the system will reach equilibrium, where the
pull-up current at the SS pin matches the pull-down
current in the ILIM amplifier; the LTC1430 will stay in this
state until the overcurrent condition disappears. At this
time IFB will rise, ILIM will stop sinking current and the
internal pull-up will recharge the soft-start capacitor,
restoring normal operation. Note that the IFB pin requires
an external 1k series resistor to prevent voltage transients
at the drain of M2 from damaging internal structures.
The ILIM amplifier pulls current out of SS in proportion to
the difference between IFB and IMAX. Under mild overload
conditions, the SS pin will fall gradually, creating a time
delay before current limit takes effect. Very short, mild
overloads may not trip the current limit circuit at all.
Longer overload conditions will allow the SS pin to reach
a steady level, and the output will remain at a reduced
voltage until the overload is removed. Serious overloads
will generate a larger overdrive at ILIM, allowing it to pull SS
down more quickly and preventing damage to the output
components.
The ILIM amplifier output is disabled when M1 is OFF to
prevent the low IFB voltage in this condition from activating
the current limit. It is re-enabled a fixed 170ns after M1
turns on; this allows for the IFB node to slew back high and
the ILIM amplifier to settle to the correct value. As the
LTC1430 goes deeper into current limit, it will reach a point
where the M1 on-time needs to be cut to below 170ns to
control the output current. This conflicts with the mini-
mum settling time needed for proper operation of the ILIM
amplifier. At this point, a secondary current limit circuit
begins to reduce the internal oscillator frequency, length-
ening the off-time of M1 while the on-time remains con-
stant at 170ns. This further reduces the duty cycle, allow-
ing the LTC1430 to maintain control over the output
current.
Under extreme output overloads or short circuits, the ILIM
amplifier will pull the SS pin more than 2V below VCC in a
single switching cycle, cutting the duty cycle to zero. At
this point all switching stops, the output current decays
through M2 and the LTC1430 runs a partial soft-start cycle
and restarts. If the short is still present the cycle will
repeat. Peak currents can be quite high in this condition,
but the average current is controlled and a properly
designed circuit can withstand short circuits indefinitely
with only moderate heat rise in the output FETs. In addi-
tion, the soft-start cycle repeat frequency can drop into the
low kHz range, causing vibrations in the inductor which
provide an audible alarm that something is wrong.
LTC1430
LTC1430 • F09
12
µA
CSS
COMP
SS
FB
VCC
Figure 9. Soft-Start Clamps COMP Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com