Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1430
Description  High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430 Datasheet(HTML) 5 Page - Linear Technology

  LTC1430 Datasheet HTML 1Page - Linear Technology LTC1430 Datasheet HTML 2Page - Linear Technology LTC1430 Datasheet HTML 3Page - Linear Technology LTC1430 Datasheet HTML 4Page - Linear Technology LTC1430 Datasheet HTML 5Page - Linear Technology LTC1430 Datasheet HTML 6Page - Linear Technology LTC1430 Datasheet HTML 7Page - Linear Technology LTC1430 Datasheet HTML 8Page - Linear Technology LTC1430 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1430
+
+
ILIM
FB
MIN
PWM
MAX
+
40mV
20.1k
+
1.26V
12
µA
40mV
12
µA
12.4k
PVCC1
SHDN
FREQSET
COMP
SS
IMAX
VCC
PVCC2
G1
G2
PGND
IFB
FB
SENSE+
SENSE
LTC1430 • BD
INTERNAL
SHUTDOWN
50
µs
DELAY
BLOCK DIAGRA
Figure 1
Figure 2
Figure 3
LTC1430
PVCC1
5V
VCC
PVCC2
GND
PGND
G1 RISE/FALL
G2 RISE/FALL
G1
G2
10,000pF
LTC1430 • TC03
10,000pF
10
µF
0.1
µF
SHDN
VSHDN
IMAX
FREQSET
COMP
SS
NC
NC
NC
NC
VCC PVCC2
LTC1430
PVCC
PVCC1 IFB
GND
PGND
SENSE+
SENSE
LTC1430 • TC02
G1
G2
FB
NC
NC
NC
VCC
+
CIN
220
µF
×4
COUT
330
µF
×6
+
+
+
2.7
µH/15A
PVCC1
VCC
FREQSET
SHDN
COMP
SS
PVCC2
PVCC = 5V
PGND
GND
G1
IFB
IMAX
G2
NC
LTC1430 • F01
SHUTDOWN
FB
NC
SENSE+
LTC1430
SENSE
1.61k
1k
FB
NC
NC
SENSE+
SENSE
LTC1430
FB MEASUREMENT
VOUT
100
RC
7.5k
CC
4700pF
C1
220pF
1N4148
1
µF
0.01
µF
0.1
µF
4.7
µF
0.1
µF
3.3V
M1A, M1B
2 IN PARALLEL
M2
M1A, M1B, M2: MOTOROLA MTD20N03HL
CIN: AVX-TPSE227M010R0100
COUT: AVX-TPSE337M006R0100
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com