Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1430
Description  High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1430 Datasheet HTML 8Page - Linear Technology LTC1430 Datasheet HTML 9Page - Linear Technology LTC1430 Datasheet HTML 10Page - Linear Technology LTC1430 Datasheet HTML 11Page - Linear Technology LTC1430 Datasheet HTML 12Page - Linear Technology LTC1430 Datasheet HTML 13Page - Linear Technology LTC1430 Datasheet HTML 14Page - Linear Technology LTC1430 Datasheet HTML 15Page - Linear Technology LTC1430 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1430
S
APPLICATI
I FOR ATIO
Figure 11. Typical Schematic Showing Layout Considerations
VOUT
R1
NC
NC
R2
LTC1430 • F12
LTC1430
SENSE+
FB
SENSE
Figure 12. Using External Resistors to Set Output Voltages
+
+
+
LTC1430 • F11
3.3V
2.7
µH/15A
TOTAL
1980
µF
(330
µF
6.3V
×6)
M1A*
M2*
PVCC1
IMAX
FREQSET
GND
PGND
SHDN
COMP
NC
SS
PVCC2
VCC
PGND
GND
RC
7.5k
0.1
µF
1
µF
0.1
µF
CC
4700pF
C1
220pF
CSS
0.01
µF
4.7
µF
35V
100
G1
IFB
G2
FB
SENSE+
NC
NC
LTC1430
SENSE
GND
PGND
* MOTOROLA MTD20N03HL
1N4148
5V
M1B*
TOTAL
880
µF
(220
µF
10V
×4)
power inductor will generally be the most massive single
component on the board; it can require a mechanical hold-
down in addition to the solder on its leads, especially if it
is a surface mount type.
The power MOSFETs used require some care to ensure
proper operation and reliability. Depending on the current
levels and required efficiency, the MOSFETs chosen may
be as large as TO-220s or as small as SO-8s. High
efficiency circuits may be able to avoid heat sinking the
power devices, especially with TO-220 type MOSFETs. As
an example, a 90% efficient converter working at a steady
3.3V/10A output will dissipate only (33W/90%) • 10% =
3.7W. The power MOSFETs generally account for the
majority of the power lost in the converter; even assuming
that they consume 100% of the power used by the
converter, that’s only 3.7W spread over two or three
devices. A typical SO-8 MOSFET with a RON suitable to
provide 90% efficiency in this design can commonly
dissipate 2W when soldered to an appropriately sized
piece of copper trace on a PC board. Slightly less efficient
or higher output current designs can often get by with
standing a TO-220 MOSFET straight up in an area with
some airflow; such an arrangement can dissipate as much
as 3W without a heat sink. Designs which must work in
high ambient temperatures or which will be routinely
overloaded will generally fare best with a heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com