Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1430CS8
Description  High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1430CS8 Datasheet HTML 8Page - Linear Technology LTC1430CS8 Datasheet HTML 9Page - Linear Technology LTC1430CS8 Datasheet HTML 10Page - Linear Technology LTC1430CS8 Datasheet HTML 11Page - Linear Technology LTC1430CS8 Datasheet HTML 12Page - Linear Technology LTC1430CS8 Datasheet HTML 13Page - Linear Technology LTC1430CS8 Datasheet HTML 14Page - Linear Technology LTC1430CS8 Datasheet HTML 15Page - Linear Technology LTC1430CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1430
©LINEAR TECHNOLOGY CORPORATION 1995
1430fa LT/TP 0500 2K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1530
High Power Synchronous Step-Down Controller
SO-8 with Current Limit. No RSENSE Required
LTC1625
No RSENSE
TM Current Mode Synchronous Step-Down Controller
Above 95% Efficiency, Needs No RSENSE, 16-Lead SSOP Package
Fits SO-8 Footprint
LTC1628
Dual High Efficiency 2-Phase Synchronous Step-Down Controller
Constant Frequency, Standby 5V and 3.3V LDOs, 3.5V
≤ VIN ≤ 36V
LTC1703
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller LTC1702 with 5-Bit Mobile VID for Mobile Pentium
® Processor
with Mobile VID
Systems
LTC1706-81
VID Voltage Programmer
Adds 5-Bit Mobile VID to 0.8V Referenced Switching
Regulators
LTC1709
2-Phase, 5-Bit Desktop VID Synchronous Step-Down Controller
Current Mode, VIN to 36V, IOUT Up to 42A
LTC1736
Synchronous Step-Down Controller with 5-Bit Mobile VID Control
Fault Protection, PowerGood, 3.5V to 36V Input, Current Mode
LTC1753
5-Bit Desktop VID Programmable Synchronous
1.3V to 3.5V Programmable Output Using Internal 5-Bit DAC
Switching Regulator
LTC1873
Dual Synchronous Switching Regulator with 5-Bit Desktop VID
1.3V to 3.5V Programmable Core Output Plus I/O Output
LTC1929
2-Phase, Synchronous High Efficiency Converter
Current Mode Ensures Accurate Current Sensing,
VIN Up to 36V, IOUT Up to 40A
No RSENSE is a trademark of Linear Technology Corporation. Pentium is a registered trademark of Intel Corporation.
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
S16 1098
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com