Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1430CS8
Description  High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1430CS8 Datasheet HTML 1Page - Linear Technology LTC1430CS8 Datasheet HTML 2Page - Linear Technology LTC1430CS8 Datasheet HTML 3Page - Linear Technology LTC1430CS8 Datasheet HTML 4Page - Linear Technology LTC1430CS8 Datasheet HTML 5Page - Linear Technology LTC1430CS8 Datasheet HTML 6Page - Linear Technology LTC1430CS8 Datasheet HTML 7Page - Linear Technology LTC1430CS8 Datasheet HTML 8Page - Linear Technology LTC1430CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1430
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: This parameter is guaranteed by correlation and is not tested
directly.
Note 4: Supply current in normal operation is dominated by the current
needed to charge and discharge the external FET gates. This will vary with
the LTC1430 operating frequency, operating voltage and the external FETs
used.
Note 5: The ILIM amplifier can sink but cannot source current. Under
normal (not current limited) operation, the ILIM output current will be zero.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
VIH
SHDN Input High Voltage
q
2.4
V
VIL
SHDN Input Low Voltage
q
0.8
V
IIN
SHDN Input Current
q
±0.1
±1
µA
AV
Error Amplifier Open-Loop DC Gain
(LTC1430I)
q
40
48
dB
gmV
Error Amplifier Transconductance
(LTC1430C)
650
µMho
(LTC1430I)
q
300
650
1200
µMho
gmI
ILIM Amplifier Transconductance
(Note 5)
1300
µMho
IMAX
IMAX Sink Current
VI(MAX) = VCC (LTC1430C)
q
812
16
µA
VI(MAX) = VCC (LTC1430I)
q
812
17
µA
ISS
Soft-Start Source Current
VSS = 0 (LTC1430C)
q
–8
–12
–16
µA
VSS = 0 (LTC1430I)
q
–8
–12
–17
µA
tr, ts
Driver Rise/Fall Time
Figure 3, PVCC1 = PVCC2 = 5V
80
250
ns
tNOV
Driver Non-Overlap Time
Figure 3, PVCC1 = PVCC2 = 5V
25
130
250
ns
DCMAX
Maximum Duty Cycle
VCOMP = VCC (LTC1430C)
q
90
96
%
VCOMP = VCC, VFB = 0 (LTC1430I)
q
90
96
%
VCOMP = VCC, VFB = 1.265V (LTC1430I)
q
83
88
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com