Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1430CS8
Description  High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1430CS8 Datasheet HTML 1Page - Linear Technology LTC1430CS8 Datasheet HTML 2Page - Linear Technology LTC1430CS8 Datasheet HTML 3Page - Linear Technology LTC1430CS8 Datasheet HTML 4Page - Linear Technology LTC1430CS8 Datasheet HTML 5Page - Linear Technology LTC1430CS8 Datasheet HTML 6Page - Linear Technology LTC1430CS8 Datasheet HTML 7Page - Linear Technology LTC1430CS8 Datasheet HTML 8Page - Linear Technology LTC1430CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1430
G1 (Pin 1/Pin 1): Driver Output 1. Connect this pin to the
gate of the upper N-channel MOSFET, M1. This output will
swing from PVCC1 to PGND. It will always be low when G2
is high.
PVCC1 (Pin 2/Pin 2): Power VCC for Driver 1. This is the
power supply input for G1. G1 will swing from PGND to
PVCC1. PVCC1 must be connected to a potential of at least
PVCC + VGS(ON)(M1). This potential can be generated
using an external supply or a simple charge pump con-
nected to the switching node between the upper MOSFET
and the lower MOSFET; see Applications Information for
details.
PGND (Pin 3/Pin 3): Power Ground. Both drivers return to
this pin. It should be connected to a low impedance ground
in close proximity to the source of M2. 8-lead parts have
PGND and GND tied together at pin 3.
GND (Pin 4/Pin 3): Signal Ground. All low power internal
circuitry returns to this pin. To minimize regulation errors
due to ground currents, GND should be connected to
PGND right at the LTC1430. 8-lead parts have PGND and
GND tied together internally at pin 3.
SENSE –, FB, SENSE + (Pins 5, 6, 7/Pin 4): These three
pins connect to the internal resistor divider and to the
internal feedback node. To use the internal divider to set
the output voltage to 3.3V, connect SENSE + to the positive
terminal of the output capacitor and SENSE – to the nega-
tive terminal. FB should be left floating in applications that
use the internal divider. To use an external resistor divider
to set the output voltage, float SENSE + and SENSE – and
connect the external resistor divider to FB.
SHDN (Pin 8/Pin 5): Shutdown. A TTL compatible low
level at SHDN for longer than 50
µs puts the LTC1430 into
shutdown mode. In shutdown, G1 and G2 go low, all
internal circuits are disabled and the quiescent current
drops to 10
µA max. A TTL compatible high level at SHDN
allows the part to operate normally.
SS (Pin 9/NA): Soft-Start. The SS pin allows an external
capacitor to be connected to implement a soft-start func-
tion. An external capacitor from SS to ground controls the
start-up time and also compensates the current limit loop,
allowing the LTC1430 to enter and exit current limit
cleanly. See Applications Information for more details.
COMP (Pin 10/Pin 6): External Compensation. The COMP
pin is connected directly to the output of the error amplifier
and the input of the PWM. An RC network is used at this
node to compensate the feedback loop to provide opti-
mum transient response. See Applications Information for
compensation details.
FREQSET (Pin 11/NA): Frequency Set. This pin is used to
set the free running frequency of the internal oscillator.
With the pin floating, the oscillator runs at about 200kHz.
A resistor from FREQSET to ground will speed up the
oscillator; a resistor to VCC will slow it down. See Applica-
tions Information for resistor selection details.
IMAX (Pin 12/NA): Current Limit Set. IMAX sets the thresh-
old for the internal current limit comparator. If IFB drops
below IMAX with G1 on, the LTC1430 will go into current
limit. IMAX has a 12µA pull-down to GND. It can be adjusted
with an external resistor to PVCC or an external voltage
source.
IFB (Pin 13/NA): Current Limit Sense. Connect to the
switched node at the source of M1 and the drain of M2
through a 1k resistor. The 1k resistor is required to prevent
voltage transients from damaging IFB. This pin can be
taken up to 18V above GND without damage.
VCC (Pin 14/Pin 7): Power Supply. All low power internal
circuits draw their supply from this pin. Connect to a clean
power supply, separate from the main PVCC supply at the
drain of M1. This pin requires a 4.7
µF bypass capacitor.
8-lead parts have VCC and PVCC2 tied together at pin 7 and
require a 10
µF bypass to GND.
PVCC2 (Pin 15/Pin 7): Power VCC for Driver 2. This is the
power supply input for G2. G2 will swing from GND to
PVCC2. PVCC2 is usually connected to the main high power
supply. The 8-lead parts have VCC and PVCC2 tied together
at pin 7 and require a 10
µF bypass to GND.
G2 (Pin 16/Pin 8): Driver Output 2. Connect this pin to the
gate of the lower N-channel MOSFET, M2. This output will
swing from PVCC2 to PGND. It will always be low when G1
is high.
(16-Lead Package/8-Lead Package)
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com