Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1434C
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434C Datasheet(HTML) 3 Page - Linear Technology

  LTC1434C Datasheet HTML 1Page - Linear Technology LTC1434C Datasheet HTML 2Page - Linear Technology LTC1434C Datasheet HTML 3Page - Linear Technology LTC1434C Datasheet HTML 4Page - Linear Technology LTC1434C Datasheet HTML 5Page - Linear Technology LTC1434C Datasheet HTML 6Page - Linear Technology LTC1434C Datasheet HTML 7Page - Linear Technology LTC1434C Datasheet HTML 8Page - Linear Technology LTC1434C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1433/LTC1434
ELECTRICAL CHARACTERISTICS T
A = 25°C, VIN = 10V, VRUN/SS = 5V, unless otherwise noted.
The q denotes specifications which apply over the specified temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: C-grade device specifications are guaranteed over the 0
°C to 70°C
temperature range. In addition, C-grade device specifications are assured
over the – 40
°C to 85°C temperature range by design or correlation, but
are not production tested.
Note 3: I-grade device specifications are guaranteed over the – 40
°C to
85
°C temperature range by design, testing or correlation.
Note 4: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC1433/LTC1434: TJ = TA + (PD)(150°C/W)
Note 5: The LTC1433/LTC1434 are tested in a feedback loop which servos
VOSENSE to the feedback point for the error amplifier (VITH = 1.19V).
Note 6: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 7: Oscillator frequency is tested by measuring the COSC charge and
discharge currents and applying the formula:
fOSC (kHz) =
+
–1
8.4(108)
COSC (pF) + 11
() 1
ICHG
()1
IDIS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPROG
VPROG Input Current
0.5V > VPROG
–4
–10
µA
VIN – 0.5V < VPROG < VIN
4
10
µA
Main Control Loop
IQ
Input DC Supply Current
(Note 6)
Normal Mode
3.6V < VIN < 13V
470
µA
Shutdown, Reference Alive
VRUN/SS = 0V, 3.6V < VIN < 13V, LBI > 0.9V
35
70
µA
Complete Shutdown
VRUN/SS = 0V, 3.6V < VIN < 13V, LBI ≤ 0.48V
15
30
µA
VRUN/SS
RUN/SS Threshold
q
0.8
1.3
2
V
IRUN/SS
Soft Start Current Source
VRUN/SS = 0V
1.2
3
4.5
µA
Oscillator and Phase-Locked Loop
fOSC
Oscillator Frequency
COSC = 100pF (Note 7)
112
125
142
kHz
VCO High
VPLL LPF = 2.4V
200
240
kHz
RPLLIN
PLL Input Resistance
50
k
Ω
IPLL LPF
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
10
15
20
µA
Sourcing Capability
fPLLIN > fOSC
10
15
20
µA
Power-On Reset
VSATPOR
POR Saturation Voltage
IPOR = 1.6mA, VOSENSE = 1V, VPROG Open
0.6
1.0
V
ILPOR
POR Leakage
VPOR = 10V, VOSENSE = 1.2V, VPROG Open
0.2
1.0
µA
VTRPOR
POR Trip Voltage from Regulated
VPROG Pin Open, VOSENSE Ramping Negative
– 11
– 7.5
– 4
%
Output
tDPOR
POR Delay
VPROG Pin Open
65536
Cycles
Low-Battery Comparator
VSATLBO
LBO Saturation Voltage
ILBO = 1.6mA, VLBI = 1.1V
0.6
1.0
V
ILLBO
LBO Leakage
VLBO = 10V, VLBI = 1.4V
0.01
1.0
µA
VTRLBI
LBI Trip Voltage
High to Low Transition on LBO
1.16
1.19
1.22
V
VHYSTLB
Low-Battery Comparator Hysteresis
40
mV
VSDLB
Low-Battery Shutdown Trip Point
0.74
V
IINLBI
LBI Input Current
VLBI = 1.19V
1
50
nA
P-Channel Power FETs Characteristics
RSMFET
RDS(ON) of Small FET
ISSW = 15mA
3.3
4.1
Ω
RBIGFET
RDS(ON) of Big FET
IBSW = 150mA
0.8
1.2
Ω
ILSSW
Small FET Leakage
VRUN/SS = 0V
q
7
1000
nA
ILBSW
Big FET Leakage
VRUN/SS = 0V
q
5
1000
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com