Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1434C
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434C Datasheet(HTML) 5 Page - Linear Technology

  LTC1434C Datasheet HTML 1Page - Linear Technology LTC1434C Datasheet HTML 2Page - Linear Technology LTC1434C Datasheet HTML 3Page - Linear Technology LTC1434C Datasheet HTML 4Page - Linear Technology LTC1434C Datasheet HTML 5Page - Linear Technology LTC1434C Datasheet HTML 6Page - Linear Technology LTC1434C Datasheet HTML 7Page - Linear Technology LTC1434C Datasheet HTML 8Page - Linear Technology LTC1434C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1433/LTC1434
PIN FUNCTIONS
SSW (Pin 1/Pin 2): Drain of the Small P-Channel MOSFET
Switch.
BSW (Pin 3/Pin 4): Drain of the Large P-Channel MOSFET
Switch.
SGND (Pin 5): Small-Signal Ground. Must be routed
separately from other grounds to the (–) terminal of COUT.
RUN/SS (Pin 6/Pin 7): Combination of Soft Start and Run
Control Inputs. A capacitor to ground at this pin sets the
ramp time to full current output. The time is approxi-
mately 0.5s/
µF. Forcing this pin below 1.3V causes all
circuitry to be shut down except the low-battery com-
parator. For input voltages above 6V this pin is clamped by
a 6V Zener (see Functional Diagram). Applying voltages
greater than 6V to this pin will cause additional current to
flow into this pin.
LBO (Pin 7/Pin 9): Open-Drain Output of an N-Channel
Pull-Down. This pin will sink current when LBI goes below
1.19V.
LBI (Pin 8/Pin 10): The (+) Input of the Low-Battery
Voltage Comparator. The (–) input is connected to the
1.19V reference. When LBI is grounded along with RUN/
SS, this comparator will shut down along with the rest of
the control circuitry. LBO will go to high impedance.
VPROG (Pin 9/Pin 11): The voltage at this pin selects the
output voltage. When VPROG = 0V or VPROG = VIN, the
output is set to 3.3V and 5V respectively, with VOSENSE
connected to the output. Leaving VPROG open (DC) allows
the output voltage to be set by an external resistive divider.
VOSENSE is then connected to the common node of the
resistive divider.
VOSENSE (Pin 10/Pin 12): This pin receives the feedback
voltage either from the output or from an external resistive
divider across the output. The VPROG pin determines at
which point VOSENSE must be connected.
VPROG = 0V
VOUT = 3.3V
VPROG = VIN
VOUT = 5V
VPROG = Open (DC)
VOUT = Adjustable
ITH (Pin 11/Pin 13): Error Amplifier Compensation Point.
The current comparator threshold increases with this
control voltage. Nominal voltage range for this pin is 0V
to 2.4V.
POR (Pin 12/Pin 14): Open-Drain Output of an N-Chan-
nel Pull-Down. This pin sinks current when the output
voltage is 7.5% out of regulation. When the output rises
to – 5% of its regulated value, the pin goes into high
impedance after 216 (65536) oscillator cycles. The POR
output is asserted when the device is in shutdown,
independent of VOUT.
COSC (Pin 13/Pin 15): External capacitor connects be-
tween this pin and ground to set the operating frequency.
PLL LPF (Pin 16 LTC1434): Output of the Phase Detector
and Control Input of the Oscillator. Normally a series RC
lowpass network is connected from this pin to ground. Tie
this pin to SGND in applications which do not use the
phase-locked loop. Can be driven by a 0V to 2.4V logic
signal for a frequency shifting option.
PLLIN (Pin 17 LTC1434): External Synchronizing Input to
the Phase Detector. This pin is internally terminated to
SGND with 50k
Ω. Tie this pin to SGND in applications
which do not use the phase-locked loop.
SVIN (Pin 14/Pin 18): Main Supply for All the Control
Circuitry.
PGND (Pin 15/Pin 19): Switch Driver Ground. Connects to
the (–) terminal of CIN. Anode of the Schottky diode must
be connected close to this pin.
PWRVIN (Pin 16/Pin 20): Supply for the Internal Power
MOSFETs and Switch Drivers. Must decouple this pin
properly to ground.
NC (Pins 2, 4,/Pins 1, 3, 6, 8): No Connection.
(LTC1433/LTC1434)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com