Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1434C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1434C
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1434C Datasheet HTML 2Page - Linear Technology LTC1434C Datasheet HTML 3Page - Linear Technology LTC1434C Datasheet HTML 4Page - Linear Technology LTC1434C Datasheet HTML 5Page - Linear Technology LTC1434C Datasheet HTML 6Page - Linear Technology LTC1434C Datasheet HTML 7Page - Linear Technology LTC1434C Datasheet HTML 8Page - Linear Technology LTC1434C Datasheet HTML 9Page - Linear Technology LTC1434C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1433/LTC1434
FUNCTIONAL DIAGRA
OPERATION (Refer to Functional Diagram)
Main Control Loop
The LTC1433/LTC1434 is a constant frequency, pulse-
width modulated current mode switching regulator. Dur-
ing normal operation, the internal P-channel power MOSFET
is turned on each cycle when the oscillator sets the RS
latch FF3, and turned off when the main current compara-
tor ICOMP resets the latch. The peak inductor current at
which the ICOMP resets the RS latch is controlled by the
voltage on the ITHpin , which is the output of error amplifier
GM. Pins VPROG and VOSENSE, described in the Pin Func-
tions section, allow GM to receive an output feedback
voltage VFB from either the internal or external resistive
dividers. When the load current increases, it causes a
slight decrease in VFB relative to the 1.19V reference,
which in turn causes the ITH voltage to increase until the
average inductor current matches the new load current.
The main control loop is shut down by pulling the RUN/SS
pin low. Releasing RUN/SS allows an internal 3
µA current
source to charge up the soft start capacitor CSS. When CSS
reaches 1.3V, the main control loop is enabled with the ITH
voltage clamped at approximately 30% of its maximum
value. As CSS continues to charge, ITH is gradually re-
leased allowing normal operation to resume.
Comparator OVDET guards against transient overshoots
> 7.5% by turning off the P-channel power MOSFETs and
keeping them off until the fault is removed.
Low Current Operation
The LTC1433/LTC1434 have two internal P-channel
MOSFETs sized for low and high load current conditions.
At low load current, only the small MOSFET will be turned
on while at high load current both MOSFETs will be on.
–
+
–
+
–
+
–
+
LOBAT
–
+
GM
LIDET
OVDET
POR
BSW
PWRVIN
SSW
ITH
LBI
LBO
VREF
PLL LPF
PLLIN
COSC
180k
0.6V
SVIN
30k
6V
VREF + 89mV
VSET
IPEAK
DET
ICOMP
12mV
RUN/SS
50k
120k
REF
AND
VCC
SHDN
VREF (1.19V)
VREF
PGND
SGND
VCC
SVIN
RB
SB
Q
Q
FF3
RB
SB
Q
Q
FF2
D
CK
Q
Q
FF1
POR
PLL
SHDN
SHDN
FREQ
SHIFT
OSC
VCO
SLOPE
COMP
RSENSE
0.143
Ω
VOLTAGE
SELECT
60k
240k
60k
VPROG
VOSENSE
1433/34 FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com