Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1433IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1433IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1433IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1433IGN Datasheet HTML 8Page - Linear Technology LTC1433IGN Datasheet HTML 9Page - Linear Technology LTC1433IGN Datasheet HTML 10Page - Linear Technology LTC1433IGN Datasheet HTML 11Page - Linear Technology LTC1433IGN Datasheet HTML 12Page - Linear Technology LTC1433IGN Datasheet HTML 13Page - Linear Technology LTC1433IGN Datasheet HTML 14Page - Linear Technology LTC1433IGN Datasheet HTML 15Page - Linear Technology LTC1433IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1433/LTC1434
APPLICATIONS INFORMATION
Figure 10. Phase-Locked Loop Block Diagram
PLLIN
50k
1433/34 F10
PLL LPF
COSC
PHASE
DETECTOR
OSC
RLP
CLP
COSC
EXTERNAL
FREQUENCY
2.4V
DIGITAL
PHASE/
FREQUENCY
DETECTOR
VPLLLPF (V)
0
1.3fO
0.7fO
1433/34 F09
1.5
2.0
1.0
0.5
2.5
fO
Figure 9. Relationship Between Oscillator Frequency
and Voltage at PLL LPF Pin
If the external frequency (VPLLIN) is greater than the center
frequency f0, current is sourced continuously, pulling up
the PLL LPF pin. When the external frequency is less than
f0, current is sunk continuously, pulling down the PLL LPF
pin. If the external and internal frequencies are the same
but exhibit a phase difference, the current sources turn on
for an amount of time corresponding to the phase differ-
ence. Thus the voltage on the PLL LPF pin is adjusted until
the phase and frequency of the external and internal
oscillators are identical. At this stable operating point the
phase comparator output is open and the filter capacitor
CLP holds the voltage.
The loop filter components CLP and RLP smooth out the
current pulses from the phase detector and provide a
stable input to the voltage controlled oscillator. The filter
components CLP and RLP determine how fast the loop
acquires lock. Typically RLP = 10k and CLP is 0.01µF to
0.1
µF.BesuretoconnectthelowsideofthefiltertoSGND.
The PLL LPF pin can be driven with external logic to obtain
a 1:1.9 frequency shift. The circuit shown in Figure 11 will
provide a frequency shift from fO to 1.9fO as the voltage
VPLL LPF increases from 0V to 2.4V. Do not exceed 2.4V on
VPLL LPF.
Figure 11. Directly Driving PLL LPF Pin
PLL LPF
2.4V MAX
3.3V OR 5V
1433/34 F11
18k
Low-Battery Comparator
The LTC1433/LTC1434 have an on-chip, low-battery com-
parator which can be used to sense a low-battery condi-
tion when implemented as shown in Figure 12. The resis-
tor divider R3/R4 sets the comparator trip point as follows:
V
R
R
LBTRIP =+


119
4
3
1
.
–
+
VIN
R4
R3
1433/34 F12
1.19V REFERENCE
LTC1433/LTC1434
Figure 12. Low-Battery Comparator
The divided down voltage at the negative (–) input to the
comparator is compared to an internal 1.19V reference. A
40mV hysteresis is built in to assure rapid switching. The
output is an open-drain MOSFET and requires a pull-up
resistor to operate. This comparator is active in shutdown.
To save more shutdown quiescent current, this compara-
tor can be shut down by taking the LBI pin below 0.74V,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com