Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1433IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1433IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1433IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1433IGN Datasheet HTML 9Page - Linear Technology LTC1433IGN Datasheet HTML 10Page - Linear Technology LTC1433IGN Datasheet HTML 11Page - Linear Technology LTC1433IGN Datasheet HTML 12Page - Linear Technology LTC1433IGN Datasheet HTML 13Page - Linear Technology LTC1433IGN Datasheet HTML 14Page - Linear Technology LTC1433IGN Datasheet HTML 15Page - Linear Technology LTC1433IGN Datasheet HTML 16Page - Linear Technology LTC1433IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1433/LTC1434
APPLICATIONS INFORMATION
further reducing the current to 15
µA. The low side of the
resistive divider should connect to SGND.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1433/LTC1434. These items are also illustrated graphi-
cally in the layout diagram of Figure 13. Check the follow-
ing in your layout:
1. Are the signal and power grounds segregated? The
LTC1433/LTC1434 signal ground pin must return to
the (–) plate of COUT. The power ground returns to the
anode of the Schottky diode and the (–) plate of CIN,
which should have as short lead lengths as possible.
2. Does the LTC1433/LTC1434 VOSENSE pin connect to the
(+) plate of COUT? In adjustable applications, the resis-
tive divider R1/R2 must be connected between the (+)
plate of COUT and signal ground.
3. Does the (+) plate of CIN connect to the power VIN as
close as possible? This capacitor provides the AC
current to the internal P-channel MOSFETs and their
drivers.
4. Is the Schottky diode closely connected between the
power ground and switch pin?
5. Keep the switching nodes, SSW and BSW away from
sensitive small-signal nodes VOSENSE, PLLIN, PLL LPF,
COSC, ITH and LBI.
Design Example
As a design example, assume VIN = 6V, VOUT = 5V, IMAX =
400mA and fOSC = 200kHz. With these requirements we
can start choosing all of the important components.
With no frequency synchronization required, the LTC1433
can be used for this circuit. From Figure 2, the VPLL LPF =
0V curve is used to determine the value of the oscillator
capacitor. From the graph a value of 50pF will provide the
desired frequency.
Next the inductor value is selected. From the Maximum
Output Current vs Input Supply graph in the Typical
Performance Characteristics section, a value of L = 22
µH
would be able to meet the requirement for the output load
current.
For the catch diode, a MBRS130LT3 is selected.
Figure 13. LTC1434 Layout Diagram (See Board Layout Check List)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
SSW
NC
BSW
SGND
NC
RUN/SS
NC
LBO
LBI
PWRVIN
SVIN
PLLIN
PLL LPF
COSC
POR
ITH
VOSENSE
VPROG
LTC1434
PGND
CIN
CSS
0.1
µF
OUTPUT DIVIDER REQUIRED
WITH ADJUSTABLE VERSION
ONLY. CONNECT VOSENSE
TO VOUT FOR FIXED
OUTPUT VOLTAGE
VOUT
COUT
D1
L1
1433/34 F13
COSC
+
BOLD LINES INDICATE HIGH CURRENT PATHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com