Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1433IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1433IGN
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1433IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1433IGN Datasheet HTML 1Page - Linear Technology LTC1433IGN Datasheet HTML 2Page - Linear Technology LTC1433IGN Datasheet HTML 3Page - Linear Technology LTC1433IGN Datasheet HTML 4Page - Linear Technology LTC1433IGN Datasheet HTML 5Page - Linear Technology LTC1433IGN Datasheet HTML 6Page - Linear Technology LTC1433IGN Datasheet HTML 7Page - Linear Technology LTC1433IGN Datasheet HTML 8Page - Linear Technology LTC1433IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1433/LTC1434
450mA, Low Noise
Current Mode Step-Down
DC/DC Converters
s
Cellular Telephones
s
Portable Instruments
s
Wireless Modems
s
RF Communications
s
Distributed Power Systems
s
Scanners
s
Battery-Powered Equipment
DESCRIPTION
s
High Efficiency: Up to 93%
s
Constant Frequency Adaptive Power
TM Operation
s
Input Voltage Range: 3V to 13.5V
s
Internal 0.6
Ω Power Switch (VIN = 10V)
s
Low Dropout Operation: 100% Duty Cycle
s
Low-Battery Detector
s
Internal Power-On Reset Timer
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Low Quiescent Current: 470
µA
s
Shutdown Mode Draws Only 15
µA Supply Current
s
±1% Reference Accuracy
s
Available in 16- and 20-Lead Narrow SSOP
FEATURES
The LTC
®1433/LTC1434 are monolithic pulse width modu-
lated step-down DC/DC converters. By utilizing current
mode switching techniques, they provide excellent AC and
DC load and line regulation. Both devices operate at a fixed
frequency with the LTC1434 phase-lockable to an external
clock signal.
Both devices incorporate two internal P-channel power
MOSFETs with a parallel combined resistance of 0.6
Ω (at
a supply of 10V). The Adaptive Power output stage selec-
tively drives one or both of the switches at frequencies up
to 700kHz to reduce switching losses and maintain high
efficiencies at low output currents.
The LTC1433/LTC1434 are capable of supplying up to
450mA of output current and boasts a
±2.4% output
voltage accuracy. An internal low-battery detector has the
same level of accuracy as the output voltage. A power-on
reset timer (POR) is included which generates a signal
delayed by 65536/fCLK (300ms typ) after the output is
within 5% of the regulated output voltage.
Ideal for current sensitive applications, the devices draw
only 470
µA of quiescent current. In shutdown the devices
draw a mere 15
µA. To further maximize the life of the
battery source, the internal P-channel MOSFET switch is
turned on continuously in dropout.
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
Adaptive Power is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SSW
NC
BSW
NC
SGND
RUN/SS
LBO
LBI
PWRVIN
SVIN
COSC
POR
ITH
VOSENSE
VPROG
LTC1433
PGND
68
µF**
20V
0.1
µF
0.1
µF
100
µF*
10V
D1: MOTOROLA MBRS130LT3
L1: COILCRAFT D03316-104
VOUT
3.3V
D1
L1
100
µH
POWER-ON
RESET
VIN
3.5V TO 12V
680pF
5.1k
10k
6800pF
47pF
1433/34 F01
*AVX TPSD107M010R0100
** AVX TPSE686M020R0150
+
Figure 1. High Efficiency Step-Down Converter
LOAD CURRENT (A)
0.001
60
70
80
0.01
0.1
1
1433/34 TA01
50
40
100
90
VIN = 5V
VIN = 12V
VIN = 9V
LTC1433 Efficiency for
VOUT = 3.3V


Similar Part No. - LTC1433IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1433 LINER-LTC1433 Datasheet
96Kb / 12P
500mA Low Voltage Step-Down Synchronous
LTC1433 LINER-LTC1433_15 Datasheet
327Kb / 20P
450mA, Low Noise Current Mode Step-Down DC/DC Converters
More results

Similar Description - LTC1433IGN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Linear Technology
LTC1433 LINER-LTC1433_15 Datasheet
327Kb / 20P
450mA, Low Noise Current Mode Step-Down DC/DC Converters
LTC1434 LINER-LTC1434_15 Datasheet
327Kb / 20P
450mA, Low Noise Current Mode Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com