Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1439CG Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1439CG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439CG Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1439CG Datasheet HTML 14Page - Linear Technology LTC1439CG Datasheet HTML 15Page - Linear Technology LTC1439CG Datasheet HTML 16Page - Linear Technology LTC1439CG Datasheet HTML 17Page - Linear Technology LTC1439CG Datasheet HTML 18Page - Linear Technology LTC1439CG Datasheet HTML 19Page - Linear Technology LTC1439CG Datasheet HTML 20Page - Linear Technology LTC1439CG Datasheet HTML 21Page - Linear Technology LTC1439CG Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
LTC1438/LTC1439
APPLICATIONS INFORMATION
Functional Diagram. In a hard short (VOUT = 0V) the current
will be reduced to approximately 25% of the maximum
output current. This technique may be used for all applica-
tions with regulated output voltages of 1.8V or greater.
Phase-Locked Loop and Frequency Synchronization
The LTC1439 has an internal voltage-controlled oscillator
and phase detector comprising a phase-locked loop. This
allows the top MOSFET turn-on to be locked to the rising
edge of an external source. The frequency range of the
voltage-controlled oscillator is
±30% around the center
frequency fO.
The phase detector used is an edge sensitive digital type
which provides zero degrees phase shift between the
external and internal oscillators. This type of phase detec-
tor will not lock up on input frequencies close to the
harmonics of the VCO center frequency. The PLL hold-in
range,
∆fH, is equal to the capture range, ∆fC:
∆fH = ∆fC = ±0.3 fO.
The output of the phase detector is a complementary pair
of current sources charging or discharging the external
filter network on the PLL LPF pin. A simplified block
diagram is shown in Figure 8.
If the external frequency fPLLIN is greater than the oscilla-
tor frequency f0SC, current is sourced continuously, pull-
ing up the PLL LPF pin. When the external frequency is less
than f0SC, current is sunk continuously, pulling down the
PLL LPF pin. If the external and internal frequencies are the
same but exhibit a phase difference, the current sources
turn on for an amount of time corresponding to the phase
difference. Thus the voltage on the PLL LPF pin is adjusted
until the phase and frequency of the external and internal
oscillators are identical. At this stable operating point the
phase comparator output is open and the filter capacitor
Figure 7. Operating Frequency vs VPLLLPF
VPLLLPF (V)
0
1.3fO
0.7fO
1438 F07
1.5
2.0
1.0
0.5
2.5
fO
The value of COSC is calculated from the desired operating
frequency (fO). Assuming the phase-locked loop is locked
(VPLLLPF = 1.19V):
CpF
OSC () =
−
2.1(10 )
Frequency (kHz)
4
11
Stating the frequency as a function of VPLLLPF and COSC:
Frequency kHz
CpF
AA
V
V
OSC
PLLLPF
()=
()+
[]
+


+
84 10
11
1
17
18
24
2000
8
.(
)
.
µµ
PLLIN*
SGND
50k
1438 F08
PLL LPF*
*LTC1439 ONLY
COSC
PHASE
DETECTOR
OSC
RLP
CLP
COSC
EXTERNAL
FREQUENCY
2.4V
DIGITAL
PHASE/
FREQUENCY
DETECTOR
Figure 8. Phase-Locked Loop Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com