Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1439CG Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1439CG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439CG Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1439CG Datasheet HTML 24Page - Linear Technology LTC1439CG Datasheet HTML 25Page - Linear Technology LTC1439CG Datasheet HTML 26Page - Linear Technology LTC1439CG Datasheet HTML 27Page - Linear Technology LTC1439CG Datasheet HTML 28Page - Linear Technology LTC1439CG Datasheet HTML 29Page - Linear Technology LTC1439CG Datasheet HTML 30Page - Linear Technology LTC1439CG Datasheet HTML 31Page - Linear Technology LTC1439CG Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1438/LTC1439
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142/LTC1142HV
Dual High Efficiency Synchronous Step-Down Switching Regulators
Dual Synchronous, VIN ≤ 20V
LTC1148/LTC1148HV
High Efficiency Step-Down Switching Regulator Controllers
Synchronous, VIN ≤ 20V
LTC1159
High Efficiency Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 40V, For Logic Threshold FETs
LT
®1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
Switchers, 1.5A Switch
LTC1430
High Power Step-Down Switching Regulator Controller
High Efficiency 5V to 3.3V Conversion at Up to 15A
LTC1435
Single High Efficiency Low Noise Switching Regulator Controller
16-Pin Narrow SO and SSOP Packages
LTC1436/LTC1436-PLL/ High Efficiency Low Noise Synchronous Step-Down
Full-Featured Single Controller
LTC1437
Switching Regulator Controllers
LT1510
Constant-Voltage/Constant-Current Battery Charger
1.3A, Li-Ion, NiCd, NiMH, Pb-Acid Charger
LTC1538-AUX
Dual, Synchronous Controller with AUX Regulator
5V Standby in Shutdown
LTC1539
Dual High Efficiency, Low Noise, Synchronous Step-Down
5V Standby in Shutdown
Switching Regulator Controller
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1997
3.3V to 2.9V at 3A Low Noise Linear Regulator
TYPICAL APPLICATION
LTC1439
AUXDR
AUXFB
AUXON
1438 TA05
6.8nF
22pF
47k
27
Ω
100
Ω
316k
1%
221k
1%
Q1
MMBT2907ALTI
10
Ω
+
330
µF
× 2
ZETEX
FZT849
(SURFACE MOUNT)
3.3V
5V
2.9V
3A
2.9V
ON/OFF
RELATED PARTS
14389fa LT/GP 0197 REV A 5K • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com