Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1439CG Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1439CG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439CG Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1439CG Datasheet HTML 21Page - Linear Technology LTC1439CG Datasheet HTML 22Page - Linear Technology LTC1439CG Datasheet HTML 23Page - Linear Technology LTC1439CG Datasheet HTML 24Page - Linear Technology LTC1439CG Datasheet HTML 25Page - Linear Technology LTC1439CG Datasheet HTML 26Page - Linear Technology LTC1439CG Datasheet HTML 27Page - Linear Technology LTC1439CG Datasheet HTML 28Page - Linear Technology LTC1439CG Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
LTC1438/LTC1439
The previous instructions will yield a PC layout which has
three separate ground regions returning separately to the
bottom plates of the output capacitors: a signal ground, a
MOSFET gate/INTVCC ground and the ground from the
input capacitors, Schottky diode and synchronous
MOSFET. In practice, this may produce a long power
ground path from the input and output capacitors. A long,
low resistance path between the input and output capaci-
tor power grounds will not upset the operation of the
switching controllers as long as the signal and power
grounds from the IC pins does not “tap in” along this path.
APPLICATIONS INFORMATION
current, reducing the susceptibility to both the “loop”
radiated magnetic fields and the transformer or inductor
leakage fields.
The capacitor on INTVCC acts as a reservoir to supply the
high transient currents to the bottom gates
and to re-
charge the boost capacitor. This capacitor should be a
4.7
µFtantalumcapacitorplacedascloseaspossibletothe
INTVCC and PGND pins of the IC. Peak current driving the
MOSFET gates exceeds 1A. The PGND pin of the IC,
connected to this capacitor, should connect directly to the
lower plates of the output capacitors to minimize the AC
ripple on the INTVCC IC power supply.
TYPICAL APPLICATIONS
LTC1438 5V/3A, 3.3V/3.5A Regulator
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SENSE+ 1
SENSE– 1
VPROG1
ITH1
POR2
COSC
SGND
LBI
LBO
SFB1
ITH2
VOSENSE2
SENSE– 2
SENSE+ 2
RUN/SS1
BOOST 1
TGL1
SW1
VIN
BG1
INTVCC
PGND
BG2
EXTVCC
SW2
TGL2
BOOST 2
RUN/SS2
LTC1438
0.1
µF
22
µF
35V
0.1
µF
1438 TA01
+
1000pF
100
Ω
100
Ω
1000pF
10
Ω
VIN 5.2V TO 28V: SWITCHING FREQUENCY = 180kHz
5V, 3A/3.3V, 3.5A
M1 TO M4: Si4412DY
INPUT CAPACITORS ARE AVX-TPS SERIES
OUTPUT CAPACITORS ARE AVX-TPSV LEVEL II SERIES
INTVCC
POR2
LBI
LBO
0.1
µF
1000pF
1000pF
220pF
470pF
10k
10
Ω
M1
M2
M4
M3
CMDSH-3
CMDSH-3
10k
221k, 1%
56pF
1k
10
Ω
392k, 1%
1000pF
56pF
220pF
0.1
µF
0.1
µF
VOUT1
4.7
µF 16V
0.033
Ω
0.033
Ω
22
µF
35V
+
MBRS140T3
MBRS140T3
10
µH
SUMIDA
CDRH125-100MC
10
µH
SUMIDA
CDRH125-100MC
220
µF
10V
VIN
5.2V
TO
28V
VOUT1
5V
3A
VOUT2
3.3V
3.5A
GND
220
µF
10V
22
µF
35V
+
22
µF
35V
1N4148
1N4148
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com