Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1470CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1470CS8
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1470CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1470CS8 Datasheet HTML 4Page - Linear Technology LTC1470CS8 Datasheet HTML 5Page - Linear Technology LTC1470CS8 Datasheet HTML 6Page - Linear Technology LTC1470CS8 Datasheet HTML 7Page - Linear Technology LTC1470CS8 Datasheet HTML 8Page - Linear Technology LTC1470CS8 Datasheet HTML 9Page - Linear Technology LTC1470CS8 Datasheet HTML 10Page - Linear Technology LTC1470CS8 Datasheet HTML 11Page - Linear Technology LTC1470CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1470/LTC1471
TYPICAL APPLICATIONS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
LT1313
BVALID
BEN1
AEN1
BEN0
AVS
BVS
AVPPOUT
BVPPOUT
GND
GND
13V TO 20V*
0.1
µF
1
µF
1
µF
VPP1
VPP2
VPP1
VCC
VCC
VPP2
PCMCIA
CARD SLOT
#1
PCMCIA
CARD SLOT
#2
A_VPP_PGM
A_VPP_VCC
B_VPP_PGM
B_VPP_VCC
VPP_VALID
A_VCC_3V
A_VCC_5V
B_VCC_3V
B_VCC_5V
1470/71 TA04
BSENSE
ASENSE
AEN0
AVALID
+
+
CL-PD6720
51k
VLOGIC
PCMCIA
CARD SLOT
#2
0.1
µF
10k
0.1
µF
1
µF
TANT
1
µF
TANT
A3VIN A3VIN
LTC1471
B3VIN B3VIN
3.3V
5V
AEN0
AEN1
BEN0
BEN1
AOUT
AOUT
BOUT
BOUT
A5VIN
B5VIN
GND
GND
(OFF/3.3V/5V)
(OFF/3.3V/5V)
+
+
10k
* FROM OVERWINDING ON 3.3V OR 5V INDUCTOR IN SYSTEM POWER SUPPLY.
SEE FIGURES 3, 4 FOR FURTHER DETAILS
Dual Slot PCMCIA Controller with SafeSlot Current Limit
Protection Using LT1313 Dual VPP Regulator/Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com