Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1470CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1470CS8
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1470CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1470CS8 Datasheet HTML 1Page - Linear Technology LTC1470CS8 Datasheet HTML 2Page - Linear Technology LTC1470CS8 Datasheet HTML 3Page - Linear Technology LTC1470CS8 Datasheet HTML 4Page - Linear Technology LTC1470CS8 Datasheet HTML 5Page - Linear Technology LTC1470CS8 Datasheet HTML 6Page - Linear Technology LTC1470CS8 Datasheet HTML 7Page - Linear Technology LTC1470CS8 Datasheet HTML 8Page - Linear Technology LTC1470CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1470/LTC1471
Single and Dual
PCMCIA Protected
3.3V/5V VCC Switches
FEATURES
s
Single 3.3V/5V Switch in 8-Pin SO Package
s
Dual 3.3V/5V Switch in 16-Pin SO Package
s
Built-In Current Limit and Thermal Shutdown
s
Built-In Charge Pumps (No 12V Required)
s
Extremely Low RDS(ON) MOSFET Switches
s
Output Current Capability: 1A
s
Inrush Current Limited (Drives 150
µF Loads)
s
Quiescent Current in Standby: 1
µA
s
No Parasitic Body Diodes
s
Built-In XOR Function Eliminates “Glue” Logic
s
Break-Before-Make Switching
s
Controlled Rise and Fall Times
TYPICAL APPLICATION
LTC1471
AEN1
AEN0
BEN1
BEN0
5VIN
3VIN
BOUT
AOUT
PCMCIA
CARD SLOT
CONTROLLER
GND
0.1
µF
5V
3.3V
0.1
µF
1470/71 TA01
PCMCIA
CARD SLOT
+
VCC
VCC
1
µF
10k
(Hi-Z/3.3V/5V)
PCMCIA
CARD SLOT
+
VCC
VCC
1
µF
10k
(Hi-Z/3.3V/5V)
The LTC
®1470 switches the VCC pins of a Personal Com-
puter Memory Card International Association (PCMCIA)
card slot between three operating states: OFF, 3.3V and
5V. Two low RDS(ON) N-channel power MOSFETs are
driven by a built-in charge pump which generates a
voltage higher than the supply voltage to fully enhance
each switch when selected by the input control logic.
The LTC1470 inputs are compatible with industry stan-
dard PCMCIA controllers. A built-in XOR ensures that both
switches are never on at the same time. This function also
makes the LTC1470 compatible with both active-low and
active-high controllers (see Applications Information sec-
tion). The switch rise times are controlled to eliminate
power supply glitching.
The LTC1470 features built-in SafeSlot
TM current limit and
thermal shutdown. The output is limited to 1A during short
circuit to ground but 2A of peak operating current is
allowed.
The LTC1471 is a dual version of the LTC1470 and is
available in a 16-pin SO package.
SafeSlot is a trademark of Linear Technology Corporation.
Dual Slot PCMCIA 3.3V/5V VCC Switch
Linear Technology PCMCIA Product Family
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
DEVICE
DESCRIPTION
PACKAGE
LT
®1312
Single PCMCIA VPP Driver/Regulator
8-Pin SO
LT1313
Dual PCMCIA VPP Driver/Regulator
16-Pin SO*
LTC1314
Single PCMCIA Switch Matrix
14-Pin SO
LTC1315
Dual PCMCIA Switch Matrix
24-Pin SSOP
LTC1470
Single Protected VCC 3.3V/5V Switch Matrix
8-Pin SO
LTC1471
Dual Protected VCC 3.3V/5V Switch Matrix
16-Pin SO*
LTC1472
Protected VCC and VPP Switch Matrix
16-Pin SO*
*Narrow Body
APPLICATIONS
s
Notebook Computers
s
Palmtop Computers
s
Pen-Based Computers
s
Handi-Terminals
s
PC Card Reader/Writers
s
3.3V/5V Power Supply Switch


Similar Part No. - LTC1470CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
163Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results

Similar Description - LTC1470CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Linear Technology
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
Single and Dual Protected High Side Switches
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com