Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1470CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1470CS8
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1470CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1470CS8 Datasheet HTML 1Page - Linear Technology LTC1470CS8 Datasheet HTML 2Page - Linear Technology LTC1470CS8 Datasheet HTML 3Page - Linear Technology LTC1470CS8 Datasheet HTML 4Page - Linear Technology LTC1470CS8 Datasheet HTML 5Page - Linear Technology LTC1470CS8 Datasheet HTML 6Page - Linear Technology LTC1470CS8 Datasheet HTML 7Page - Linear Technology LTC1470CS8 Datasheet HTML 8Page - Linear Technology LTC1470CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1470/LTC1471
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t0 to t3
Delay and Rise Time (Note 5)
Transition from 0V to 3.3V, ROUT = 100Ω, COUT = 1µF
0.2
0.32
1.0
ms
t3 to t5
Delay and Rise Time (Note 5)
Transition from 3.3V to 5V, ROUT = 100Ω, COUT = 1µF
0.2
0.52
1.0
ms
t0 to t5
Delay and Rise Time (Note 5)
Transition from 0V to 5V, ROUT = 100Ω, COUT = 1µF
0.2
0.38
1.0
ms
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: For the LTC1470, the two output pins (1, 8) must be connected
together and the two 3.3V supply input pins (6 , 7) must be connected
together. For the LTC1471, the two AOUT pins (1, 16) must be connected
together, the two BOUT pins (8, 9) must be connected together, the two
A3VIN supply input pins (14, 15) must be connected together, the two
B3VIN supply pins (6, 7) must be connected together and the two GND
pins (5, 13) must be connected together.
Note 2: Power for the input logic and charge pump circuitry is derived
from the 5VIN supply pin(s) which must be continuously powered.
Note 3: Measured current is per channel with the other channel
programmed off for the LTC1471.
Note 4: The output is protected with foldback current limit which reduces
the short-circuit (0V) currents below peak permissible current levels at
higher output voltages.
Note 5: To 90% of final value.
TYPICAL PERFORMANCE CHARACTERISTICS
3VIN = 3.3V, 5VIN = 5V (Note 2), TA = 25°C, unless otherwise noted.
(LTC1470 or 1/2 LTC1471)
3VIN SUPPLY VOLTAGE (V)
0
0
20
40
60
80
12
3
4
1470/71 G05
100
120
TA = 25°C
PROGRAMMED TO
3.3V, NO LOAD
3VIN SUPPLY VOLTAGE (V)
0
–1
0
1
2
3
12
3
4
1470/71 G04
4
5
TA = 25°C
PROGRAMMED TO OFF
3VIN Supply Current (3.3V ON)
3VIN Supply Current (OFF)
5VIN SUPPLY VOLTAGE (V)
0
–1
0
1
2
3
5
1
23
4
1470/71 G01
56
4
TA = 25°C
PROGRAMMED TO OFF
5VIN Supply Current (OFF)
JUNCTION TEMPERATURE (
°C)
0
0
0.05
0.10
0.15
0.20
0.25
0.30
25
50
75
100
1470/71 G07
125
PROGRAMMED
TO 3.3V
3.3V Switch Resistance
5VIN SUPPLY VOLTAGE (V)
0
0
50
100
150
200
300
1
23
4
1470/71 G03
56
250
TA = 25°C
PROGRAMMED
TO 3.3V, NO LOAD
5VIN Supply Current (3.3V ON)
5VIN Supply Current (5V ON)
5VIN SUPPLY VOLTAGE (V)
0
0
50
100
150
200
300
1
23
4
1470/71 G02
56
250
TA = 25°C
PROGRAMMED
TO 5V, NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com