Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1602 Datasheet (PDF) - Maxim Integrated Products

MAX1602 Datasheet PDF - Maxim Integrated Products
Part # MAX1602
Download  MAX1602 Download
File Size   130.78 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network

MAX1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1602 Datasheet PDF - Maxim Integrated Products

Part # MAX1602
Download  MAX1602 Click to download

File Size   130.78 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network

MAX1602 Datasheet (HTML) - Maxim Integrated Products


MAX1602 Product details

General Description
The MAX1602 DC power-switching IC contains a network of low-resistance MOSFET switches that deliver selectable VCC and VPP voltages to a single CardBus or PC Card host socket. Key features include lowresistance switches, small packaging, soft-switching action, and compliance with PCMCIA specifications for 3V/5V switching.

Features
♦ Supports a Single PC Card/CardBus Socket
♦ 1A, 0.25Ω Max 3.3V VCC Switch
   1A, 0.25Ω Max 5V VCC Switch
♦ Soft Switching for Low Inrush Surge Current
♦ Overcurrent Protection
♦ Overcurrent/Thermal-Fault Flag Output
♦ Thermal Shutdown at Tj = +150°C
♦ Independent Internal Charge Pumps
♦ Break-Before-Make Switching Action
♦ 11µA Max Standby Supply Current
♦ 5V and 12V Not Required for Low-RDS(ON) 3.3V Switching
♦ Complies with PCMCIA 3V/5V Switching Specifications
♦ Super-Small 16-Pin QSOP Package
♦ Code Compatible with:
    Cirrus CL-PD67XX Family
    Databook DB86184
    Intel 82365SL (industry-standard coding)

Applications
    Data Loggers
    Handy-Terminals
    Docking Stations
    PCMCIA Read/Write Drives




Similar Part No. - MAX1602

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
More results


Similar Description - MAX1602

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1312 LINER-LT1312 Datasheet
259Kb / 12P
Single PCMCIA VPP Driver/Regulator
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
Single-Slot PCMCIA/CardBus Power Controllers
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com