Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1474CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1474CS8
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1474CS8 Datasheet HTML 1Page - Linear Technology LTC1474CS8 Datasheet HTML 2Page - Linear Technology LTC1474CS8 Datasheet HTML 3Page - Linear Technology LTC1474CS8 Datasheet HTML 4Page - Linear Technology LTC1474CS8 Datasheet HTML 5Page - Linear Technology LTC1474CS8 Datasheet HTML 6Page - Linear Technology LTC1474CS8 Datasheet HTML 7Page - Linear Technology LTC1474CS8 Datasheet HTML 8Page - Linear Technology LTC1474CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1474/LTC1475
Low Quiescent Current
High Efficiency Step-Down
Converters
LOAD CURRENT (mA)
100
90
80
70
60
50
0.03
3
300
1474/75 TA01
0.3
30
VIN = 5V
VIN = 10V
VIN = 15V
L = 100
µH
VOUT = 3.3V
RSENSE = 0Ω
LTC1474 Efficiency
Figure 1. High Efficiency Step-Down Converter
VIN
GND
SENSE
LBI
RUN
VFB
LBO
SW
LTC1474-3.3
+
6
3
8
1
2
5
7
4
100k
LOW BATTERY IN
RUN SHDN
0.1
µF
10
µF
25V
VIN
4V TO 18V
LOW BATTERY OUT
1474/75 F01
L1
100
µH
D1
MBR0530
+
100
µF
6.3V
VOUT
3.3V AT 250mA
L1 = SUMIDA CDRH74-101
FEATURES
DESCRIPTION
s
High Efficiency: Over 92% Possible
s
Very Low Standby Current: 10
µA Typ
s
Available in Space Saving 8-Lead MSOP Package
s
Internal 1.4
Ω Power Switch (VIN = 10V)
s
Wide VIN Range: 3V to 18V Operation
s
Very Low Dropout Operation: 100% Duty Cycle
s
Low-Battery Detector Functional During Shutdown
s
Programmable Current Limit with Optional
Current Sense Resistor (10mA to 400mA Typ)
s
Short-Circuit Protection
s
Few External Components Required
s
Active Low Micropower Shutdown: IQ = 6µA Typ
s
Pushbutton On/Off (LTC1475 Only)
s
3.3V, 5V and Adjustable Output Versions
The LT C
®1474/LTC1475 series are high efficiency step-
down converters with internal P-channel MOSFET power
switches that draw only 10
µA typical DC supply current at
no load while maintaining output voltage. The LTC1474
uses logic-controlled shutdown while the LTC1475 fea-
tures pushbutton on/off.
The low supply current coupled with Burst Mode
TM opera-
tion enables the LTC1474/LTC1475 to maintain high effi-
ciency over a wide range of loads. These features, along
with their capability of 100% duty cycle for low dropout
and wide input supply range, make the LTC1474/LTC1475
ideal for moderate current (up to 300mA) battery-powered
applications.
The peak switch current is user-programmable with an
optional sense resistor (defaults to 325mA minimum if not
used) providing a simple means for optimizing the design
for lower current applications. The peak current control
also provides short-circuit protection and excellent start-
up behavior. A low-battery detector that remains functional
in shutdown is provided .
The LTC1474/LTC1475 series availability in 8-lead MSOP
and SO packages and need for few additional components
provide for a minimum area solution.
APPLICATIONS
s
Cellular Telephones and Wireless Modems
s
4mA to 20mA Current Loop Step-Down Converter
s
Portable Instruments
s
Battery-Operated Digital Devices
s
Battery Chargers
s
Inverting Converters
s
Intrinsic Safety Applications
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1474CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1474 LINER-LTC1474 Datasheet
96Kb / 12P
500mA Low Voltage Step-Down Synchronous
LTC1474 LINER-LTC1474 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LTC1474 LINER-LTC1474 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1474 LINER-LTC1474_15 Datasheet
247Kb / 20P
Low Quiescent Current High Efficiency Step-Down Converters
More results

Similar Description - LTC1474CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771 LINER-LTC1771_1 Datasheet
237Kb / 16P
10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
10A Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1474 LINER-LTC1474_15 Datasheet
247Kb / 20P
Low Quiescent Current High Efficiency Step-Down Converters
LTC1475 LINER-LTC1475_15 Datasheet
247Kb / 20P
Low Quiescent Current High Efficiency Step-Down Converters
LTC3624EDD LINER-LTC3624EDD Datasheet
470Kb / 8P
High Efficiency Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
Low Quiescent Current, High Voltage Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Richtek Technology Corp...
RTQ2104-QA RICHTEK-RTQ2104-QA Datasheet
521Kb / 27P
36VIN, 3A, High Efficiency, 2.1MHz, Synchronous Step-Down Converter with Low Quiescent Current
June 2019
RTQ2106-QA RICHTEK-RTQ2106-QA Datasheet
538Kb / 32P
36VIN, 3A, High Efficiency, 2.1MHz, Synchronous Step-Down Converter with Low Quiescent Current
May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com