Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1474CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1474CS8
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1474CS8 Datasheet HTML 7Page - Linear Technology LTC1474CS8 Datasheet HTML 8Page - Linear Technology LTC1474CS8 Datasheet HTML 9Page - Linear Technology LTC1474CS8 Datasheet HTML 10Page - Linear Technology LTC1474CS8 Datasheet HTML 11Page - Linear Technology LTC1474CS8 Datasheet HTML 12Page - Linear Technology LTC1474CS8 Datasheet HTML 13Page - Linear Technology LTC1474CS8 Datasheet HTML 14Page - Linear Technology LTC1474CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1474/LTC1475
APPLICATIONS INFORMATION
LTC1475 Pushbutton On/Off and
Microprocessor Interface
The LTC1475 provides pushbutton control of power on/off
for use with handheld products. A momentary ground on
the ON pin sets an internal S/R latch to run mode while a
momentary ground on the LBI/OFF pin resets the latch to
shutdown mode. See Figure 6 for a comparsion of on/off
operation of the LTC1474 and LTC1475 and Figure 7 for a
comparison of the circuit implementations.
In the LTC1475, the LBI/OFF pin has a dual function as
both the shutdown control pin and the low battery com-
parator input. Since the “OFF” pushbutton is normally
open, it does not affect the normal operation of the low
battery comparator. In the unpressed state, the LBI/OFF
input is the divided down input voltage from the resistive
divider to the internal low battery comparator and will
normally be above or just below the trip threshold of
1.23V. When shutdown mode is desired, the LBI/OFF pin
is pulled below the 0.7V threshold to invoke shutdown.
the depressed switch state is detected by the microcon-
troller through its input. The microcontroller then pulls the
LBI/OFF pin low with the connection to one of its ouputs.
With the LBI/OFF pin low, the LTC1475 powers down
turning the microcontroller off. Note that since the I/O pins
of most microcontrollers have a reversed bias diode
between input and supply, a blocking diode with less than
1
µA leakage is necessary to prevent the powered down
microcontroller from pulling down on the ON pin.
Figure 19 in the Typical Applications section shows how to
use the low battery comparator to provide a low battery
lockout on the “ON” switch. The LBO output disconnects
the pushbutton from the ON pin when the comparator has
tripped, preventing the LTC1475 from attempting to start
up again until VIN is increased.
RUN
RUN
SHUTDOWN
RUN
RUN
1474/75 F06
SHUTDOWN
RUN
MODE
ON OVERRIDES LBI/OFF
WHILE ON IS LOW
LTC1474
LTC1475
ON
LBI/OFF
MODE
Figure 6. Comparison of LTC1474 and LTC1475
Run/Shutdown Operation
The ON pin has precedence over the LBI/OFF pin. As seen
in Figure 6, if both pins are grounded simultaneously, run
mode wins.
Figure 18 in the Typical Applications section shows an
example for the use of the LTC1475 to control on/off of a
microcontroller with a single pushbutton. With both the
microcontroller and LTC1475 off, depressing the
pushbutton grounds the LTC1475 ON pin and starts up the
LTC1475 regulator which then powers up the microcon-
troller. When the pushbutton is depressed a second time,
1474/75 F07
RUN
ON
OFF
RUN
ON
LBI/OFF
100k
LTC1474
LTC1475
100k
VIN
Figure 7. Simplified Implementation of
LTC1474 and LTC1475 On/Off
Absolute Maximum Ratings and Latchup Prevention
The absolute maximum ratings specify that SW (Pin 5) can
never exceed VIN (Pin 7) by more than 0.3V. Normally this
situation should never occur. It could, however, if the
output is held up while the supply is pulled down. A
condition where this could potentially occur is when a
battery is supplying power to an LTC1474 or LTC1475
regulator and also to one or more loads in parallel with the
the regulator’s VIN. If the battery is disconnected while the
LTC1474 or LTC1475 regulator is supplying a light load
and one of the parallel circuits is a heavy load, the input
capacitor of the LTC1474 or LTC1475 regulator could be
pulled down faster than the output capacitor, causing the
absolute maximum ratings to be exceeded. The result is
often a latchup which can be destructive if VIN is reapplied.
Battery disconnect is possible as a result of mechanical
stress, bad battery contacts or use of a lithium-ion battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com