Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1474CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1474CS8
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1474CS8 Datasheet HTML 11Page - Linear Technology LTC1474CS8 Datasheet HTML 12Page - Linear Technology LTC1474CS8 Datasheet HTML 13Page - Linear Technology LTC1474CS8 Datasheet HTML 14Page - Linear Technology LTC1474CS8 Datasheet HTML 15Page - Linear Technology LTC1474CS8 Datasheet HTML 16Page - Linear Technology LTC1474CS8 Datasheet HTML 17Page - Linear Technology LTC1474CS8 Datasheet HTML 18Page - Linear Technology LTC1474CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1474/LTC1475
TYPICAL APPLICATIONS
1474/75 F12
VIN
GND
SENSE
LBI
RUN
VFB
LBO
SW
LTC1474
6
3
8
1
2
5
7
4
100k
4.7M
1%
RUN
22
µF**
16V
VIN
3.5V TO 6V
536k
1%
10pF
L*
200
µH
L*
200
µH
D1
MBR0530
+
+
+
22
µF††
25V
22
µF††
25V
10
µF†
25V
VOUT
12V
70mA
VOUT
–12V
70mA
MBR0530
* COILTRONICS CTX200-4
** AVX TPSC226M016
† AVX TPSC106M025
†† AVX TPSD226M025
0.1
µF
VIN (V)
I LOAD(MAX)
3.5
30mA
4
50mA
5
70mA
6
90mA
Figure 12. 5V to
±12V Regulator
Figure 13. 5V Buck-Boost Converter
1474/75 F13
VIN
GND
SENSE
LBI
RUN
VOUT
LBO
SW
LTC1474-5
6
3
8
1
2
5
7
4
100k
RUN
10
µF**
25V
0.1
µF
VIN
3.5V TO 12V
L*
100
µH
L*
100
µH
D1
MBR0530
+
+
33
µF†
10V
10
µF**
25V
VOUT
5V
200mA AT VIN = 10V
* COILTRONICS CTX100-4
** AVX TPSC106MO25
† AVX TPSC336M010
VIN (V)
I LOAD(MAX)
3.5
70mA
4
95mA
5
125mA
8
180mA
10
200mA
12
225mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com