Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1482CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1482CS8
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1482CS8 Datasheet HTML 5Page - Linear Technology LTC1482CS8 Datasheet HTML 6Page - Linear Technology LTC1482CS8 Datasheet HTML 7Page - Linear Technology LTC1482CS8 Datasheet HTML 8Page - Linear Technology LTC1482CS8 Datasheet HTML 9Page - Linear Technology LTC1482CS8 Datasheet HTML 10Page - Linear Technology LTC1482CS8 Datasheet HTML 11Page - Linear Technology LTC1482CS8 Datasheet HTML 12Page - Linear Technology LTC1482CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1482
FU CTIO TABLES
Driver Enabled (DE = 1)
DI/SHDN
A
B
RO
CD
00
1
0
0
11
0
1
0
X
A Shorted to B
1
1
Driver Disabled (DE = 0, Notes 1, 2)
DI/SHDN
A – B
RO
CD
0
X (Note 3)
Z
1 (Internal Pull-Up)
1VTHCD(MIN) < (A – B) < VTHCD(MAX)
11
1
A and B are Open
1
1
1
A and B are Shorted
1
1
1VTHCD(MIN) ≥ (A – B) ≥ VTHCD(MAX)
00
and (A – B)
≤ VTHRO(MIN)
1VTHCD(MIN) ≥ (A – B) ≥ VTHCD(MAX)
10
and (A – B)
≥ VTHRO(MAX)
X = Don’t Care
Z = High Impedance
Note 1: DE = 0, DI/SHDN = 0 puts the part in ICC shutdown and the supply
current drawn by the VCC pin drops to 20µA max. The receiver is always
alive except in shutdown.
Note 2: The table is valid regardless of the presence of an external
termination resistor.
Note 3: Although the RO and the driver outputs are three-stated, the A and
B pins each present a 22k
Ω receiver input resistance to ground.
TEST CIRCUITS
RECEIVER
OUTPUT
CL
1k
S1
S2
TEST POINT
VCC
1k
1482 F03
VOD
A
B
R
R
VOC
1482 F01
Figure 1. Driver DC Test Load #1
Figure 3. Receiver Timing Test Load
VOD3
A
B
375
Ω
375
Ω
60
Ω
VTST
–7V TO 12V
1482 F02
Figure 2. Driver DC Test Load #2
Figure 5. Driver Timing Test Load
OUTPUT
UNDER TEST
CL
S1
S2
VCC
500
Ω
1482 F05
Figure 4. Driver/Receiver Timing Test Load
DE
A
B
DI
RDIFF
VCC
CL1
CL2
RO
CD
1k
15pF
A
B
1482 F04
(DE = 0, DI/SHDN = 0) or to disable the driver while keeping
the receiver alive (DE = 0, DI/SHDN = 1). When the driver
is enabled (DE = 1), DI/SHDN = 0 forces the A output low
and the B output high. DI/SHDN = 1 forces the A output
high and the B output low.
GND (Pin 5): Ground.
A (Pin 6): Driver Output/Receiver Input. The input resis-
tance is typically 22k when the driver is disabled (DE = 0).
When the driver is enabled, the A output follows the logic
level at the DI/SHDN pin.
B (Pin 7): Driver Output/Receiver Input. The input resis-
tance is typically 22k when the driver is disabled (DE = 0).
When the driver is enabled, the B output is inverted from
the logic level at the DI/SHDN pin.
VCC (Pin 8): Positive Supply. 4.75V < VCC < 5.25V. A 0.1µF
bypass capacitor is recommended.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com