Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1482CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1482CS8
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1482CS8 Datasheet HTML 3Page - Linear Technology LTC1482CS8 Datasheet HTML 4Page - Linear Technology LTC1482CS8 Datasheet HTML 5Page - Linear Technology LTC1482CS8 Datasheet HTML 6Page - Linear Technology LTC1482CS8 Datasheet HTML 7Page - Linear Technology LTC1482CS8 Datasheet HTML 8Page - Linear Technology LTC1482CS8 Datasheet HTML 9Page - Linear Technology LTC1482CS8 Datasheet HTML 10Page - Linear Technology LTC1482CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1482
TYPICAL PERFOR A CE CHARACTERISTICS
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Common Mode Output
Voltage vs Temperature
Driver Common Mode Output
Voltage vs Temperature
Driver Common Mode Output
Voltage vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Output Current
TEMPERATURE (
°C)
–55
1482 G22
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD, VCC = 4.5V TO 5.25V
RL = 44Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G23
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD, VCC = 4.5V TO 5.25V
RL = 54Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G24
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD, VCC = 4.5V TO 5.25V
RL = 100Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G25
3.0
2.5
2.0
1.5
1.0
0.5
0
∆VOC, VCC = 4.5V TO 5.25V
RL = 44Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G26
3.0
2.5
2.0
1.5
1.0
0.5
0
∆VOC, VCC = 4.5V TO 5.25V
RL = 54Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G27
3.0
2.5
2.0
1.5
1.0
0.5
0
∆VOC, VCC = 4.5V TO 5.25V
RL = 100Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G28
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD3 FOR VCC = 4.5V TO 5.25V
SEE FIGURE 2
VCM = –7V
VOD3
DI/SD HIGH
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1482 G29
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD3 FOR VCC = 4.5V TO 5.25V
VCM = 12V
VOD3
DI/SD HIGH
SEE FIGURE 2
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
OUTPUT CURRENT (mA)
0
10 20 30 40 50 60 70 80 90 100
1482 G30
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com