Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1482CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1482CS8
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1482CS8 Datasheet HTML 1Page - Linear Technology LTC1482CS8 Datasheet HTML 2Page - Linear Technology LTC1482CS8 Datasheet HTML 3Page - Linear Technology LTC1482CS8 Datasheet HTML 4Page - Linear Technology LTC1482CS8 Datasheet HTML 5Page - Linear Technology LTC1482CS8 Datasheet HTML 6Page - Linear Technology LTC1482CS8 Datasheet HTML 7Page - Linear Technology LTC1482CS8 Datasheet HTML 8Page - Linear Technology LTC1482CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1482
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5% (Notes 2 and 3) unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTHCD
Differential Input Threshold Voltage for CD = 1
– 7V
≤ VCM ≤ 12V, DE = 0
q
– 0.20
0.20
V
∆VTH
Receiver Input Hysteresis
VCM = 0V, DE = 0
±30
mV
VOH
CD Output High Voltage
IOUT = – 10µA, (VA – VB) = 0V
q
3.4
V
RO Output High Voltage
IOUT = – 4mA, (VA – VB) = 200mV
q
3.5
V
VOL
RO and CD Output Low Voltage
IOUT = 4mA, (VA – VB) = – 200mV
q
0.4
V
IOZR
Three-State (High Impedance) Receiver Output
VCC = Max, 0.4V ≤ VOUT ≤ 2.4V
q
±1
µA
Current in Shutdown
DI/SHDN = 0, DE = 0
RIN
Receiver Input Resistance
–7V
≤ VCM ≤ 12V
q
12
22
k
Ω
ICC
Supply Current
No Load, Driver Enabled (DE = VCC)
q
580
900
µA
No Load, Driver Disabled (DE = 0)
q
430
700
µA
ISHDN
Supply Current in Shutdown Mode
DE = 0, DI = 0
q
10
20
µA
IOSD1
Driver Short-Circuit Current, VOUT = High (Note 4)
– 7V
≤ VOUT ≤ 10V
35
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = Low (Note 4)
– 7V
≤ VOUT ≤ 10V
35
250
mA
IOS
RO and CD Short-Circuit Current
0V
≤ VOUT ≤ VCC
q
785
mA
IPULL-UP
CD Pull-Up Current
CD = 0V
q
15
30
60
µA
SWITCHING CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5% (Notes 2 and 3) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF
q
10
28
60
ns
tPHL
Driver Input to Output
(Figures 4, 6)
q
10
30
60
ns
tSKEW
Driver Output to Output
q
210
ns
tr, tf
Driver Rise or Fall Time
q
315
40
ns
tZH
Driver Enable to Output High
CL = 100pF (Figures 5, 7) S2 Closed
q
40
70
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 5, 7) S1 Closed
q
40
100
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 5, 7) S1 Closed
q
40
70
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 5, 7) S2 Closed
q
40
70
ns
tZH(SHDN)
Driver Enable from Shutdown to Output High
CL = 100pF (Figures 5, 7) S2 Closed
q
40
100
ns
(Note 5)
tZL(SHDN)
Driver Enable from Shutdown to Output Low
CL = 100pF (Figures 5, 7) S1 Closed
q
40
100
ns
tHZ(SHDN)
Driver Disable on Shutdown from Output High
CL = 15pF (Figures 5, 7) S2 Closed
q
40
100
ns
tLZ(SHDN)
Driver Disable on Shutdown from Output Low
CL = 15pF (Figures 5, 7) S1 Closed
q
40
100
ns
fMAX
Maximum Data Rate (Note 6)
q
4
5
Mbps
tPLH
Receiver Input to Output (Note 7)
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
30
138
200
ns
(Figures 4, 8)
tPHL
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
30
122
200
ns
(Figures 4, 8)
tSKD
|tPLH – tPHL| Differential Receiver Skew
RDIFF = 54Ω, CL1 = CL2 = 100pF,
16
ns
(Figures 4, 8)
tCDH
Receiver Input to CD Output High (Note 7)
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
2900
5000
ns
(Figures 4, 10) DI/SHDN = VCC
tCDL
Receiver Input to CD Output Low (Note 7)
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
150
300
ns
(Figures 4, 10) DI/SHDN = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com